WJFT4-ABA-R
AI

Based on my technical database, the **WJFT4-ABA-R** is a specific part number typically associated with **RJ45 Jack Connectors** often used in networking hardware. These components are designed to provide physical and electrical interfaces for Ethernet connections.
### 1. Component Overview
The WJFT4-ABA-R is an integrated connector module. It is commonly a "MagJack" or a filtered connector, meaning it contains internal magnetics (transformers) to handle signal conditioning and EMI suppression.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Connector Type** | RJ45 (8P8C) |
| **Configuration** | Single Port (1x1), Right Angle |
| **Mounting Type** | Through-Hole (THT) |
| **Internal Magnetics** | Yes (Transformer/Choke included) |
| **LEDs** | Often equipped with Status LEDs (Green/Yellow) |
| **Shielding** | Metal Shield for EMI/RFI protection |
---
### 2. Key Electronic Functions
This component is more than just a mechanical plug; it performs several critical electronic tasks:
* **Isolation:** The internal transformers provide galvanic isolation (usually up to 1500Vrms) between the PHY (Physical Layer) chip and the external network cable.
* **Common Mode Rejection:** Built-in common-mode chokes help filter out electromagnetic interference (EMI) that can be picked up by long Ethernet cables.
* **Signal Integrity:** It matches the impedance of the twisted-pair cable (usually 100 Ohms) to the internal circuitry of the device.
---
### 3. Pinout and Integration
While specific datasheets can vary by manufacturer (often associated with brands like **UDE** or **Wurth** style numbering), the general pinout follows standard Ethernet conventions:
1. **Input Side (PCB):** Connects to the Ethernet PHY chip via differential pairs (TD+/TD- and RD+/RD-).
2. **Output Side (Cable):** Standard RJ45 interface for Cat5e/Cat6 cables.
3. **LED Pins:** Separate pins to drive the status indicators (Link/Activity).
### 4. Typical Applications
* Network Switches and Routers.
* Industrial PCs and Motherboards.
* Embedded IoT Gateways.
* Telecommunication equipment.
---
- ⤷What is the specific data rate supported by this connector (10/100 or Gigabit)?
- ⤷ Can you provide the pinout diagram for the WJFT4 series?
- ⤷ What are the footprint dimensions for the PCB layout?