WIW1028-R-201
AI

The **WIW1028-R-201** is a specific model of a **Trimming Potentiometer** (often called a "trimpot"). These are high-precision variable resistors used for fine-tuning circuits during the manufacturing or calibration process.
---
### 1. Technical Specifications
The part number follows a standard coding system for electronic components. Here is the breakdown of its primary characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Cermet Trimming Potentiometer |
| **Resistance Value** | 200 $\Omega$ (indicated by "201") |
| **Adjustment Type** | Top Adjustment |
| **Number of Turns** | Multi-turn (typically 25 turns) |
| **Power Rating** | 0.5W at 70°C |
| **Tolerance** | ±10% |
| **Mounting Type** | Through-hole (PCB) |
---
### 2. Decoding the Model Number
* **WIW1028:** This refers to the physical series and casing style. The "1028" style is generally rectangular with a lead screw mechanism for high-precision adjustments.
* **R:** Usually indicates the orientation or terminal style (e.g., side or top adjustment).
* **201:** This is the resistance code.
* The first two digits (**20**) are the significant figures.
* The third digit (**1**) is the multiplier ($10^1$).
* Calculation: $20 \times 10^1 = 200 \Omega$.
---
### 3. Key Features
* **Multi-Turn Precision:** Unlike a standard volume knob (single turn), this requires 25 full rotations to move the wiper from 0 to 200 ohms. This allows for extremely granular control.
* **Cermet Element:** Made from a Ceramic-Metal composite, offering better stability and lower temperature coefficients than carbon-based potentiometers.
* **Wiper Action:** As the screw is turned, a "wiper" moves across the resistive element, changing the voltage divider ratio or resistance level between the center pin and the outer pins.
---
### 4. Common Applications
These parts are not meant for frequent user adjustment. They are "set and forget" components used in:
1. **Voltage Regulators:** Setting the exact output voltage.
2. **Sensor Calibration:** Zeroing out an analog sensor.
3. **Audio Equipment:** Adjusting bias current in amplifiers.
4. **Timing Circuits:** Fine-tuning the frequency of an oscillator.
- ⤷
How do I wire this potentiometer for use as a variable resistor versus a voltage divider?
- ⤷ What is the physical size/footprint of the WIW1028 series?
- ⤷ What are the environmental temperature limits for cermet trimpots?