WI252018-R82KF-11
AI

The **WI252018-R82KF-11** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. These components are commonly used in RF (Radio Frequency) circuits due to their high precision and stability.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's physical and electrical properties:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **WI** | Series Type | Wire-wound Inductor |
| **252018** | Case Size | 2.5mm x 2.0mm x 1.8mm (Metric) |
| **R82** | Inductance Value | 0.82 µH (Microhenries) |
| **K** | Tolerance | ±10% |
| **F** | Termination | Lead-free (RoHS Compliant) / Gold or Tin plating |
| **11** | Internal Code | Manufacturer-specific revision or packaging code |
---
### 2. Key Electrical Characteristics
While specific values can vary slightly by manufacturer (such as Chilisin or Bourns), a typical R82 wire-wound inductor follows these specifications:
* **Inductance:** 0.82 µH.
* **Quality Factor (Q):** Usually high (typically 25-45 at specific frequencies), making it ideal for resonant circuits.
* **Self-Resonant Frequency (SRF):** Typically in the range of 250 MHz to 400 MHz.
* **DC Resistance (DCR):** Usually between 0.50 Ω and 1.2 Ω.
* **Rated Current:** Generally handles between 180mA and 450mA.
---
### 3. Physical Construction
The **Wire-wound** nature of this part offers several advantages over multilayer inductors:
1. **High Q Factors:** Lower energy loss at high frequencies.
2. **Higher Current Handling:** The physical wire can carry more current than printed silver traces in multilayer versions.
3. **Stability:** Better performance across a wide temperature range (typically -40°C to +125°C).
---
### 4. Common Applications
Due to its small footprint and high-frequency performance, the WI252018-R82KF-11 is found in:
* **Mobile Communication:** Cell phones, GPS receivers, and Wi-Fi modules.
* **RF Matching:** Impedance matching circuits for antennas.
* **Filtering:** Low-pass or high-pass filters in signal processing.
* **Automotive Electronics:** Infotainment systems and wireless sensors.
- ⤷
What are the main differences between wire-wound and multilayer inductors?
- ⤷ How does the 'Q factor' affect the performance of this inductor in a circuit?
- ⤷ What is the equivalent EIA size for the 2520 metric footprint?