AI

The **WI.DP1203-XXX-R** is a high-performance, low-power RF transceiver module designed for narrow-band wireless applications. It is based on the Semtech XE1203F transceiver and is commonly used for long-range data communication in the Sub-GHz ISM bands.
---
### 1. Technical Specifications
The module operates in the 433, 868, or 915 MHz frequency bands (indicated by the "XXX" suffix).
| Feature | Specification |
| :--- | :--- |
| **Frequency Range** | 433MHz, 868MHz, or 915MHz |
| **Modulation** | FSK (Frequency Shift Keying) |
| **Data Rate** | Up to 152.3 kbps |
| **Output Power** | Programmable up to +15 dBm |
| **Sensitivity** | Down to -114 dBm |
| **Supply Voltage** | 2.4V to 3.6V DC |
| **Current Consumption** | ~62mA (TX @ 15dBm), ~14mA (RX) |
---
### 2. Key Internal Components
The architecture of the module is designed to minimize external component count while maximizing RF performance.
* **RF Transceiver IC (XE1203F):** The core engine that handles frequency synthesis, modulation, and demodulation.
* **Surface Acoustic Wave (SAW) Filter:** Used to provide high selectivity and reject out-of-band interference.
* **Voltage Controlled Oscillator (VCO):** Fully integrated to ensure stable frequency generation.
* **Power Amplifier (PA):** Integrated stage to boost signal strength for long-range transmission.
* **Low Noise Amplifier (LNA):** Enhances incoming weak signals without adding significant noise.
---
### 3. Pin Configuration & Interface
The module typically uses a multi-pin surface mount or through-hole interface to connect to a microcontroller (MCU).
1. **SPI Interface:** Used for configuration (setting frequency, power levels, and registers).
2. **DATA Pin:** The main synchronous/asynchronous path for transmitting and receiving data bits.
3. **DCLK:** Data clock used for synchronization in synchronous mode.
4. **SWITCH (RX/TX):** Internal control pins to toggle between transmit and receive states.
---
### 4. Common Applications
Due to its high sensitivity and low power consumption, it is widely used in:
* **Automated Meter Reading (AMR):** Remote utility monitoring.
* **Home Automation:** Wireless security systems and lighting control.
* **Industrial Monitoring:** Sensor networks and process control.
* **Telemetry:** Long-range remote data collection.
- ⤷
How do I configure the frequency registers for the 868 MHz version via SPI?
- ⤷ What is the maximum line-of-sight range achievable with this module?
- ⤷ Can the WI.DP1203-XXX-R be used for battery-operated IoT devices?