công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • WEPA-13PDA-R

  • AI
    The **WEPA-13PDA-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits, specifically for DC-DC converters and voltage regulation modules. --- ### 1. Technical Specifications Below is a breakdown of the typical electronic characteristics for this series: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Inductance** | Values vary by sub-code (e.g., 1.0µH to 47µH) | | **Tolerance** | ±20% (Standard) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Operating Temperature** | -40°C to +125°C | | **Shielding** | Magnetically Shielded (Low EMI) | --- ### 2. Key Electronic Functions The WEPA-13PDA-R serves several critical roles within an electronic circuit: * **Energy Storage:** It stores energy in a magnetic field when current flows through it, which is crucial for switching power supplies. * **Filtering:** It acts as a low-pass filter, smoothing out ripples in current to provide a stable DC output to sensitive components like CPUs or FPGAs. * **EMI Suppression:** Because it is **shielded**, it minimizes electromagnetic interference (EMI), preventing the inductor's magnetic field from interfering with neighboring components on the PCB. --- ### 3. Physical Construction The "13" in the part number often refers to the physical dimensions (approximately 13mm x 13mm). 1. **Core Material:** Usually made of a ferrite core or metal alloy powder to handle high saturation currents without losing inductance. 2. **Terminations:** Features robust solder pads designed for reflow soldering processes. 3. **Coating:** Often encapsulated in a protective resin to provide mechanical stability and moisture resistance. --- ### 4. Common Applications * **Consumer Electronics:** Laptop power rails and high-end gaming consoles. * **Telecommunications:** Base station power modules and routers. * **Industrial:** DC-DC buck converters for automation controllers. * **Automotive:** (If qualified) Infotainment systems and LED lighting drivers. ---
    ✨ Follow-up Questions
    • ⤷ What is the saturation current rating for the WEPA-13PDA-R?
    • ⤷ How does magnetic shielding improve performance in high-density PCBs?
    • ⤷ Can this inductor be used in high-frequency switching applications above 1MHz?