công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • WEPA-12PDD-R

  • AI
    The **WEPA-12PDD-R** is a specific type of electronic component, typically categorized as a **Wire-to-Board Connector** or a **Headers/Receptacle** assembly used in power distribution and signal routing within electronic systems. Below is a detailed breakdown of its electronic parts and characteristics. --- ### 1. Technical Specifications The following table outlines the physical and electrical architecture of the WEPA-12PDD-R: | Specification | Details | | :--- | :--- | | **Number of Positions** | 12 Pins | | **Configuration** | Dual Row (6x2) | | **Mounting Type** | Through-hole (typically R/A or Vertical) | | **Pitch** | Standard 2.0mm or 2.54mm (depending on series variation) | | **Contact Material** | Copper Alloy (often Gold or Tin plated) | | **Housing Material** | High-temperature Thermoplastic (UL94V-0 rated) | --- ### 2. Core Electronic Components The device is comprised of three primary sub-parts that determine its electrical performance: #### A. The Housing (Insulator) * **Purpose:** Provides structural integrity and electrical isolation between the 12 pins. * **Material:** Usually made of **PBT (Polybutylene Terephthalate)** or **LCP (Liquid Crystal Polymer)**, which ensures the part can withstand the heat of wave soldering without warping. #### B. The Pin Terminals (Contacts) * **Conductivity:** The pins are the "live" electronic parts. They are designed with high-quality copper alloys to minimize **Contact Resistance**. * **Plating:** The "R" suffix often indicates **RoHS compliance** or a specific plating finish (like Gold flash over Nickel) to prevent oxidation and ensure a stable electrical connection over time. #### C. Locking/Polarization Mechanism * **Keying:** The plastic housing includes a notch or "key" to ensure the cable is not plugged in backward, preventing short circuits. * **Retention:** Features "friction locks" to hold the mating connector securely under vibration. --- ### 3. Application Use-Cases In an electronic circuit, the WEPA-12PDD-R serves as the interface for: * **Power Rails:** Delivering DC power to peripheral PCBs. * **Signal Bundles:** Transferring data signals from a mainboard to a user interface (UI) panel. * **Industrial Controls:** Used in PLCs (Programmable Logic Controllers) due to its high-density 12-pin layout. --- ### 4. Circuit Symbol Representation In schematic design software (like Altium or KiCad), the part is represented as: ```text [ WEPA-12PDD-R ] +--------------+ (VCC) | 1 2 | (GND) (SIG) | 3 4 | (SIG) (SIG) | 5 6 | (SIG) (SIG) | 7 8 | (SIG) (SIG) | 9 10 | (SIG) (AUX) | 11 12 | (AUX) +--------------+ ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating per pin for the WEPA series?
    • ⤷ Does the 'R' suffix indicate Right-Angle mounting or RoHS compliance in this specific manufacturer code?
    • ⤷ What is the recommended mating connector for the WEPA-12PDD-R?