WEPA-12PBA-R
AI

The **WEPA-12PBA-R** is an industrial-grade AC/DC power supply module, commonly utilized in telecommunications, industrial automation, and server infrastructure. It is designed to convert high-voltage AC input into a stabilized 12V DC output with high efficiency.
---
### 1. Technical Specifications
Below are the primary electronic characteristics of the WEPA-12PBA-R module:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 100V - 240V AC (Universal Input) |
| **Output Voltage** | +12.2V DC (Main Rail) |
| **Output Current** | Approx. 80A - 100A (Model dependent) |
| **Total Power Rating** | 1200 Watts |
| **Efficiency Rating** | 80 PLUS Platinum / Titanium equivalent |
| **Cooling** | Integrated Forced Air (Internal Fan) |
| **Interface** | Edge Connector (Hot-swappable) |
---
### 2. Key Electronic Components & Subsystems
The module is comprised of several sophisticated electronic stages to ensure power stability and safety:
* **EMI/EMC Filter Stage:**
Consists of X/Y capacitors and common-mode chokes. Its purpose is to filter out electromagnetic interference from the AC line and prevent the power supply's switching noise from leaking back into the grid.
* **Power Factor Correction (PFC):**
An active PFC circuit (typically utilizing high-speed MOSFETs and a boost inductor) ensures the power factor remains close to 0.99, reducing reactive power loss.
* **DC-DC Resonant Converter:**
Uses an **LLC Resonant Topology** to switch voltages at zero voltage (ZVS) or zero current (ZCS). This minimizes switching losses and allows for the high power density found in the 12PBA series.
* **Synchronous Rectification:**
On the secondary (output) side, Schottky diodes are replaced by low $R_{DS(on)}$ MOSFETs. This significantly reduces heat generation and increases the overall efficiency of the 12V rail.
* **Microcontroller Unit (MCU):**
An internal logic board monitors real-time statistics such as temperature, fan speed, and load. It communicates with the host system via the **I2C / PMBus** protocol.
---
### 3. Protection Circuits
To protect the connected hardware, the WEPA-12PBA-R includes several hardware-level safeguards:
1. **OVP (Over Voltage Protection):** Shuts down if the output exceeds ~13.5V.
2. **OCP (Over Current Protection):** Limits current to prevent traces from melting during a short circuit.
3. **OTP (Over Temperature Protection):** Increases fan speed or throttles power if internal thermistors detect excessive heat.
---
### 4. Pinout and Connectivity
The module typically uses a "Golden Finger" PCB edge connector. This interface carries:
* **High Current Pads:** For +12V and Ground.
* **Signal Pins:** For `PS_ON` (Remote turn on), `PS_Kill` (Safety interlock), and `SDA/SCL` (Data communication).
- ⤷
What is the specific PMBus address for the WEPA-12PBA-R?
- ⤷ Can this power supply be used in a parallel (N+1) configuration?
- ⤷ What are the dimensions and form factor of this module?