WEPA-11PCC-R
AI

The **WEPA-11PCC-R** is a specific electronic component, typically categorized as a **Standard Recovery Rectifier Diode** in a power-related package. Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The WEPA-11PCC-R is designed for rectification tasks, converting Alternating Current (AC) to Direct Current (DC) in industrial or consumer electronics.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Power Rectifier Diode |
| **Configuration** | Single Diode |
| **Current Rating ($I_F$)** | Approx. 1.0A to 1.5A (Application dependent) |
| **Voltage Rating ($V_{RRM}$)** | Standard high voltage (often 400V - 600V range) |
| **Recovery Type** | Standard Recovery |
| **Mounting Type** | Surface Mount (SMD) or Through-hole (variant dependent) |
---
### 2. Key Electronic Features
* **Low Forward Voltage Drop ($V_F$):** Designed to minimize power loss during conduction, improving efficiency in power supply circuits.
* **High Surge Current Capability:** Can withstand brief spikes in current ($I_{FSM}$) without thermal runaway or junction failure.
* **Thermal Stability:** Built to operate reliably across a wide temperature range, typically $-55^\circ C$ to $+150^\circ C$.
---
### 3. Pinout and Internal Structure
The device is a two-terminal semiconductor. In the context of the "PCC" suffix, it often refers to a specific lead-frame or plastic molded package.
```mermaid
graph LR
A[Anode +] ---|>| B[Cathode -]
```
* **Anode:** The positive terminal where current enters.
* **Cathode:** The negative terminal (usually marked with a band on the body) where current exits.
---
### 4. Common Applications
Due to its robust nature, the WEPA-11PCC-R is found in the following circuits:
1. **AC-to-DC Rectification:** Found in bridge rectifiers for power adapters.
2. **Freewheeling Diodes:** Used to protect switches from inductive voltage spikes in motor control.
3. **Polarity Protection:** Prevents damage if a battery or DC source is connected backward.
---
- ⤷
What are the exact maximum voltage and current ratings for the WEPA-11PCC-R?
- ⤷ What is the physical package dimensions for this specific part?
- ⤷ Are there any high-speed switching alternatives to the WEPA-11PCC-R?