WCT-5CA-R
AI

## Overview of WCT-5CA-R
The **WCT-5CA-R** is a specialized electronic component, typically categorized as a **Wireless Charging Transmitter (WCT)** coil assembly. These parts are integral to inductive charging systems, commonly following the Qi standard for wireless power transfer.
---
### Core Specifications and Technical Details
The electronic design of the WCT-5CA-R revolves around its inductive properties and its ability to handle specific power loads.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Wireless Charging Transmission Coil |
| **Configuration** | Multi-coil (usually 3-coil array) |
| **Inductance** | ~10 µH to 12 µH (per coil) |
| **DC Resistance (DCR)** | Low (typically < 100 mΩ) to minimize heat loss |
| **Compliance** | Qi Standard Compatible |
| **Material** | Ferrite plate with Litz wire |
---
### Key Electronic Components of the Assembly
A "WCT" assembly like the 5CA-R is more than just a wire; it consists of several critical sub-parts:
1. **Litz Wire Coils**:
- High-frequency AC flows through these. Litz wire is used to reduce the "skin effect," ensuring lower resistance and higher efficiency during power transmission.
2. **Ferrite Shielding (Base)**:
- The magnetic sheet behind the coils directs the magnetic flux toward the receiver and prevents EMI (Electromagnetic Interference) from affecting the internal circuitry of the charging station.
3. **Resonance Capacitors (External)**:
- While the 5CA-R is the coil part, it operates in an LC resonant circuit. It requires high-quality C0G/NP0 capacitors to maintain the specific frequency (usually 110-205 kHz).
4. **Adhesive/Insulation Layer**:
- A thermal interface material or specialized tape that ensures physical stability and heat dissipation.
---
### Operating Principle
The electronic functionality follows the laws of **Electromagnetic Induction**:
* **Input**: The transmitter circuit (inverter) sends an alternating current through the WCT-5CA-R.
* **Magnetic Field**: The coil generates an oscillating magnetic field.
* **Coupling**: When a receiver coil (like in a smartphone) is placed nearby, the magnetic field induces a current in the receiver coil.
* **Efficiency**: The "5CA" designation often refers to a specific coil geometry designed to provide a larger "sweet spot," meaning the device doesn't have to be perfectly centered to charge.
---
### Common Applications
* **Automotive Chargers**: Integrated wireless charging pads in car consoles.
* **Charging Stations**: High-end multi-device wireless docks.
* **Industrial Terminals**: Ruggedized docks for handheld scanners or tablets.
- ⤷
What is the difference between single-coil and multi-coil (like the 5CA-R) transmitters?
- ⤷ How does the ferrite thickness affect the charging efficiency of this part?
- ⤷ What are the thermal management requirements for the WCT-5CA-R during high-power transmission?