công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • WCT-5AD-R/E

  • AI
    The **WCT-5AD-R/E** identifies a specific series of Wireless Charging Transmitter (WCT) modules, typically based on the **NXP WCT series** architecture. These are high-performance integrated circuits/modules designed to manage the power transfer in Qi-compliant wireless charging stations. --- ## 1. Core Component: The Controller At the heart of this electronic assembly is a dedicated Wireless Power Transmitter Controller (often from the NXP WCT10xx family). This MCU (Microcontroller Unit) manages the complex logic required for wireless induction. | Component Type | Function in WCT-5AD-R/E | | :--- | :--- | | **MCU/Controller** | Digital signal processing, PID control for power, and Qi protocol communication. | | **Power Stage** | MOSFETs configured in a Full-Bridge or Half-Bridge to drive the primary coil. | | **Demodulator** | Integrated circuits that sense current/voltage fluctuations to "read" data from the mobile device. | | **Resonant Tank** | A combination of high-precision capacitors (COG/NPO) and the induction coil. | --- ## 2. Key Specifications The "5AD" nomenclature generally refers to a **5W Multi-Coil** or **Extended Power Profile** design configuration. * **Input Voltage:** Usually 5V or 12V DC. * **Charging Distance:** 3mm to 8mm standard. * **Compliance:** Qi (Wireless Power Consortium) v1.2.x or higher. * **Safety Features:** Foreign Object Detection (FOD), Over-Current Protection (OCP), and Thermal Shutdown. --- ## 3. Detailed Electronic Sub-systems ### A. The Inverter Circuit The module uses a **Full-Bridge Inverter**. Its task is to convert the DC input into a high-frequency AC signal (usually between 110kHz and 205kHz). ```c // Pseudocode for Frequency Control Logic if (RequiredPower > CurrentPower) { AdjustFrequency(Target_Hz - Step); // Lower frequency increases power transfer toward resonance } else { AdjustFrequency(Target_Hz + Step); } ``` ### B. Foreign Object Detection (FOD) The electronic design includes refined power loss measurement. By comparing the **transmitted power** (measured at the coil) vs. the **received power** (reported by the phone), the module can detect if a metallic object (like a coin) is heating up on the pad and shut down immediately. ### C. Multi-Coil Array The "R/E" variants often feature a **3-coil array**. This provides a larger "sweet spot" for charging. The electronics include a **Coil Selection Logic**—an array of analog switches or smaller MOSFETs that determine which coil has the best magnetic coupling with the receiving device. --- ## 4. Typical Block Diagram 1. **USB/DC Input Port**: Power source. 2. **Input Filtering**: Bulk capacitors and LDOs to stabilize the MCU voltage. 3. **WCT Controller**: The "Brain." 4. **Gate Drivers**: Interface between the low-voltage MCU and high-power MOSFETs. 5. **Coil Assembly**: Shielded induction coils with ferrite backing.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the R and E suffixes in this part number?
    • ⤷ Standard power efficiency ratings for this WCT module?
    • ⤷ Can this module support fast charging (10W/15W) beyond the 5W specification?