công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • WCT-523-R

  • AI
    ## Overview of WCT-523-R The **WCT-523-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Quartz Crystal** or a high-precision **TCXO (Temperature Compensated Crystal Oscillator)**. These parts are critical for providing a stable clock frequency in wireless communication devices, automotive electronics, and IoT modules. --- ### Technical Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Quartz Crystal / Crystal Oscillator | | **Frequency** | Varies by manufacturer (often used in MHz ranges) | | **Package Type** | SMD (Surface Mount Device) | | **Tolerance** | High precision (±10ppm to ±50ppm) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Compliance** | RoHS Compliant, Lead-Free | --- ### Key Electronic Functions 1. **Frequency Generation**: The primary role is to provide a stable reference frequency for microcontrollers (MCUs) or Radio Frequency (RF) chips. This allows the system to process data at consistent intervals. 2. **Piezoelectric Effect**: The part utilizes the piezoelectric property of quartz. When an electric field is applied, the crystal vibrates at a specific resonant frequency, which is then converted into a square or sine wave clock signal. 3. **Timing and Synchronization**: In wireless modules (like Wi-Fi or Bluetooth), the WCT-523-R ensures that the data packets are sent and received at the exact timing required by the communication protocol to prevent data loss or interference. --- ### Internal Structure and Materials * **Quartz Blank**: The core element, precision-cut to a specific angle to minimize frequency drift over temperature changes. * **Electrodes**: Usually made of Gold (Au) or Silver (Ag) deposited onto the quartz to facilitate electrical connection. * **Ceramic Base**: A durable substrate that provides structural integrity and insulation. * **Metal Lid**: Hermetically sealed to protect the internal crystal from moisture and atmospheric pressure changes, which could alter the frequency. --- ### Applications * **Wireless Communication**: Low-power WAN modules (LoRa, Sigfox). * **Automotive**: Electronic Control Units (ECUs) and infotainment systems. * **Consumer Electronics**: Smartwatches, laptops, and peripheral devices. * **Industrial**: Sensor nodes and automated metering infrastructure.
    ✨ Follow-up Questions
    • ⤷ What are the specific frequency options available for the WCT-523-R series?
    • ⤷ How does the temperature stability of this part compare to standard oscillators?
    • ⤷ What is the typical footprint size (mm) for the WCT-523-R package?