WCT-1D3-R/
AI

The **WCT-1D3-R** is a specific electronic sub-assembly, typically identified as a **high-precision Wireless Charging Transmitter (WCT) Module**. It is designed for automotive and industrial applications where reliable inductive power transfer is required.
Below is a breakdown of its core electronic parts, technical specifications, and internal architecture.
---
### 1. Technical Specifications
The WCT-1D3-R is generally a Multi-Coil transmitter system. Its primary role is to manage the power conversion from a DC source into a localized electromagnetic field.
| Feature | Specification |
| :--- | :--- |
| **Standard** | Qi-Compliant (WPC) |
| **Input Voltage** | 9V - 16V (Automotive grade) |
| **Output Power** | 5W to 15W (depending on the revision) |
| **Coil Configuration** | 3-Coil Array (A13 or similar) |
| **Efficiency** | > 70% |
| **Communication** | Frequency Shift Keying (FSK) & Backscatter |
---
### 2. Key Electronic Components
The "R" in the part number often denotes a specific revision or a "Refined" AEC-Q100 (Automotive) qualified version. The internal board consists of the following modules:
#### A. The Digital Controller (MCU)
The brain of the module is usually an **NXP MWCT series** or a similar high-integration MCU.
* **Function:** Manages the PID loops for power regulation, handles foreign object detection (FOD), and controls the switching frequency.
* **Protection:** Implements Over-Voltage (OVP) and Over-Temperature (OTP) logic.
#### B. Full-Bridge Inverter
* **Parts:** MOSFETs (usually 4 in an H-bridge configuration).
* **Function:** Converts DC input into high-frequency AC (typically 110kHz to 205kHz) to drive the induction coils.
#### C. The Coil Matrix (3-Coil System)
Unlike single-coil chargers, the 1D3-R uses a **3-coil overlapping array**.
* **Benefit:** Provides a larger "charging sweet spot," allowing for better alignment between the transmitter and the mobile device.
* **Switching:** Uses an analog switch matrix to activate only the coil closest to the device.
#### D. Resonant Capacitors
* **Parts:** C0G/NP0 Ceramic capacitors.
* **Function:** These are critical for the LC resonant tank circuit. They must have low ESR (Equivalent Series Resistance) to prevent heat buildup at high power.
---
### 3. Block Diagram Overview
```mermaid
graph LR
A[DC Input] --> B[Voltage Regulator]
B --> C[Full Bridge Inverter]
C --> D[Resonant Tank]
D --> E[3-Coil Array]
F[MCU/Controller] --> C
F --> G[FOD Sensors]
G --> F
```
---
### 4. Special Features
* **FOD (Foreign Object Detection):** The module uses power loss accounting to detect if a coin or key is between the charger and the phone, shutting down to prevent fire hazards.
* **EMI Shielding:** Because it is often used in cars, the WCT-1D3-R includes heavy shielding to prevent interference with Keyless Entry Systems or AM/FM radio.
- ⤷
What are the specific pinout definitions for the WCT-1D3-R connector?
- ⤷ How does the 3-coil switching logic differ from a single-coil A11 design?
- ⤷ Is the WCT-1D3-R compatible with the Qi 1.3 authentication standard?