WCT-1C2-R/E
AI

The **WCT-1C2-R/E** is a specific wireless power transmitter coil assembly, typically manufactured by companies like **Abracon** or **TDK**. This component is designed to meet **Qi standards** for wireless charging applications.
Below is a detailed breakdown of its electronic characteristics and construction.
---
### 1. Key Technical Specifications
The performance of the WCT-1C2-R/E is defined by its electrical properties, which ensure compatibility with wireless charging power management ICs.
| Parameter | Typical Value | Description |
| :--- | :--- | :--- |
| **Inductance (L)** | 24.0 µH ± 10% | Measured at 100kHz, 1V |
| **DC Resistance (DCR)** | 100 mΩ (Max) | Affects heat generation and efficiency |
| **Quality Factor (Q)** | 80 - 100 (Min) | High Q indicates lower energy loss |
| **Saturation Current** | ~5A - 7A | The current level where inductance drops |
| **Operating Temp** | -25°C to +85°C | Standard commercial/industrial range |
---
### 2. Physical Construction
The "1C2" designation refers to the specific coil configuration defined by the Wireless Power Consortium (WPC).
* **Coil Material:** High-quality Litz wire (multi-strand wire) is used to minimize the "skin effect," reducing resistance at high frequencies.
* **Ferrite Shield:** The coil is mounted on a manganese-zinc (MnZn) or nickel-zinc (NiZn) ferrite plate. This plate directs the magnetic flux toward the receiver and prevents EMI from affecting the underlying circuitry.
* **Adhesive:** Usually comes with a pressure-sensitive adhesive (PSA) backing for easy mounting inside device enclosures.
---
### 3. Electronic Functionality
The WCT-1C2-R/E functions as the **Primary Coil** in an inductive coupling system:
1. **Inductive Coupling:** It converts an oscillating electrical current from the transmitter circuit into a varying magnetic field.
2. **Resonant Frequency:** It is designed to operate within the 110 kHz to 205 kHz range (Qi standard).
3. **Efficiency:** Due to the low DCR and high Q factor, it minimizes energy lost as heat during the power transfer process.
---
### 4. Application Use Cases
This part is commonly integrated into the following systems:
* **Charging Pads:** Desktop wireless chargers for smartphones.
* **Automotive Consoles:** Integrated wireless charging docks in vehicles.
* **Industrial Handhelds:** Waterproof or rugged devices that cannot have physical charging ports.
* **Furniture Integration:** Power spots built into tables or desks.
---
- ⤷
What are the main differences between a 1-coil (1C2) and a 3-coil wireless transmitter design?
- ⤷ How does the ferrite shield thickness impact the charging efficiency of this part?
- ⤷ Which Power Management ICs (PMICs) are most compatible with 24uH coils?