WCT-11D-R
AI

The **WCT-11D-R** is a specific electronic component often associated with **wireless charging technology**. It is part of the WCT series (Wireless Charging Transmitter) typically developed for automotive or industrial power transfer applications.
Below is a detailed breakdown of its electronic characteristics and functional parts.
---
### 1. Technical Specifications
The device is designed as a high-efficiency wireless power transmitter. The following table summarizes its core electronic parameters:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Input Voltage** | 9V to 16V (standard automotive range) |
| **Output Power** | Up to 11W (Support for Qi standards) |
| **Control Architecture** | Digital Signal Controller (DSC) |
| **Communication** | In-band Frequency Shift Keying (FSK) / Amplitude Shift Keying (ASK) |
| **Efficiency** | > 70% (depending on coil alignment) |
| **Operating Temp** | -40°C to +85°C |
---
### 2. Core Electronic Subsystems
#### A. Power Stage (Inverter)
The "Heart" of the WCT system. It typically consists of a **Full-Bridge Inverter** using MOSFETs. This stage converts DC power from the battery into a high-frequency AC signal to drive the induction coil.
#### B. The Induction Coil (Antenna)
The "11D" designation often refers to a specific coil configuration.
* **Resonant Circuit:** Uses high-quality resonant capacitors (C0G/NP0 type) to ensure minimal heat loss.
* **Electromagnetic Induction:** Creates the magnetic field that couples with the receiver (smartphone/device).
#### C. Control & Modulation (The IC)
The system uses a dedicated microcontroller (often from NXP's WCT series) to manage:
* **FOD (Foreign Object Detection):** Constantly monitors power loss to detect metal objects (coins, keys) between the charger and phone to prevent fires.
* **Closed-loop Control:** Adjusts frequency, duty cycle, or phase shift based on feedback from the receiver.
#### D. Protection Circuitry
* **Over-Voltage Protection (OVP)**
* **Over-Current Protection (OCP)**
* **Thermal Shutdown:** Monitors the temperature of the PCB and the coil.
---
### 3. Block Diagram Logic
The flow of electricity within the part follows this logical sequence:
```mermaid
graph LR
A[DC Input] --> B[Voltage Regulator]
B --> C[Full-Bridge Inverter]
C --> D[Resonant Tank/Coil]
D -.-> E((Magnetic Field))
F[MCU Controller] --> C
D --> G[Current/Voltage Sensing]
G --> F
```
---
### 4. Application Note
The **-R** suffix usually denotes **Tape & Reel** packaging for automated SMT (Surface Mount Technology) assembly lines, indicating this is a production-grade component intended for mass-manufactured automotive consoles or charging pads.
- ⤷
What are the specific differences between the WCT-11W and WCT-15W models?
- ⤷ How does the Foreign Object Detection (FOD) algorithm work in this controller?
- ⤷ Which NXP microcontrollers are compatible with the WCT-11D-R software library?