công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • WADS-22A-R

  • AI
    The **WADS-22A-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD)** power inductor or a high-frequency wire-wound chip inductor, often used in telecommunications and high-density power management circuits. Below is a breakdown of its technical specifications and electronic properties. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Power Inductor / Wire-wound Chip Inductor | | **Package / Case** | Surface Mount (SMD) | | **Common Application** | DC-DC Converters, Noise Filtering, Power Supplies | | **Construction** | Ferrite Core with enameled copper winding | ### 2. Electronic Characteristics The "22A" in the part number usually indicates the inductance value or a specific series rating. For most inductors in this class, the following electronic parameters are critical: * **Inductance Value:** Typically **22 µH** (Microhenries). * **Tolerance:** Usually ±10% or ±20%, depending on the specific manufacturer tolerance code. * **DC Resistance (DCR):** Low resistance to minimize power loss and heat generation. * **Saturation Current ($I_{sat}$):** The maximum current at which the inductance drops by a specified percentage (usually 30%). * **Self-Resonant Frequency (SRF):** High SRF allows the part to be used in high-frequency signal processing. ### 3. Key Electronic Functions 1. **Energy Storage:** In switching regulators, it stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Impedance/Filtering:** It acts as a low-pass filter, blocking high-frequency noise while allowing DC and low-frequency signals to pass. 3. **Voltage Regulation:** Helps maintain a steady output voltage in DC-DC buck or boost converters. ### 4. Physical Layout and Soldering The "R" suffix often denotes **RoHS Compliance** (Lead-free) or **Tape & Reel** packaging for automated pick-and-place assembly. ```yaml # Soldering Profile (Typical) Reflow_Type: Lead-Free (Sn/Ag/Cu) Peak_Temperature: 260°C Soak_Time: 60-120 seconds ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact inductance and current rating for the WADS-22A-R?
    • ⤷ Which manufacturers produce the WADS series inductors?
    • ⤷ What are the common footprints/land patterns for this SMD part?