WADS-15B2-R/E
AI

The **WADS-15B2-R/E** is a specific model of an **Electromagnetic Water Meter** (often associated with the WADS series by manufacturers like Water-In). These devices are used for high-precision water measurement in industrial and utility applications.
Below is an explanation of its electronic components and technical specifications.
---
### 1. Key Electronic Components
The device operates on the principle of **Faraday’s Law of Electromagnetic Induction**.
| Component | Function |
| :--- | :--- |
| **Excitation Coils** | Generate a magnetic field across the flow tube. |
| **Sensing Electrodes** | Pick up the voltage generated by the conductive fluid moving through the magnetic field. |
| **Signal Converter (E-Type)** | Converts the low-level analog voltage from the electrodes into a digital flow rate signal. |
| **LCD Display** | Provides local visualization of totalized flow, instantaneous flow rate, and error codes. |
| **Microprocessor** | Handles signal filtering, zero-point stability, and data logging. |
---
### 2. Technical Specifications
The "15B2" in the model name typically refers to the nominal diameter (DN15) and specific pressure ratings.
| Feature | Specification |
| :--- | :--- |
| **Nominal Diameter** | 15mm (1/2 inch) |
| **Output Signals** | 4-20mA, Pulse output, and RS485 (Modbus) |
| **Accuracy Class** | Generally ±0.5% or ±0.2% of reading |
| **Power Supply** | Battery-powered (3.6V Lithium) or External (24V DC / 220V AC) |
| **Protection Class** | IP68 (Submersible) or IP65 |
| **Liner Material** | Usually PTFE or Hard Rubber (depending on the fluid) |
---
### 3. Connection & Communication Code
The suffix **"R/E"** typically denotes the communication and display configuration:
* **Remote/Integrated (R):** Indicates if the converter is attached to the body or connected via a cable (Remote type).
* **Electronic Output (E):** Refers to the electronic signal processing unit rather than a mechanical register.
```yaml
Signal_Interface:
Analog: 4-20mA DC
Digital: Pulse / Frequency
Communication: RS485 Modbus RTU
Protocol_Standard: HART (Optional in some variants)
```
---
### 4. Working Principle
1. **Magnetic Field:** The internal coils are energized to create a constant magnetic field.
2. **Conductivity:** As water (a conductive fluid) flows through the 15mm pipe, it acts as a moving conductor.
3. **Voltage Generation:** A voltage is induced that is directly proportional to the velocity of the water.
4. **Processing:** The electronics amplify this micro-voltage, filter out noise, and convert it into a readable volumetric unit (e.g., $m^3/h$).
- ⤷
How do you calibrate the WADS-15B2 for different fluid conductivities?
- ⤷ What is the battery life expectancy for the battery-powered version?
- ⤷ Can this meter be used for non-conductive fluids like deionized water?