WADS-112-R
AI

The **WADS-112-R** is a specific model of a **Miniature Intermediate Power Relay**, typically manufactured by brands like **Weller** or private-labeled for various industrial control systems. It is designed to act as an electrically operated switch, allowing a low-power signal to control a much higher-power circuit.
---
### 1. Key Technical Specifications
The model name "WADS-112-R" follows a standard nomenclature for industrial relays. Below are the typical electronic characteristics:
| Parameter | Specification |
|:---|:---|
| **Coil Voltage** | 12V DC (indicated by the "12") |
| **Contact Configuration** | SPDT (1 Form C) or SPST (1 Form A) |
| **Contact Rating** | 5A to 10A @ 250VAC / 30VDC |
| **Mounting Type** | PCB Through-Hole |
| **Terminal Material** | Silver Alloy (AgSnO2 or AgNi) |
| **Construction** | Sealed (Wash-tight) |
---
### 2. Breakdown of the Model Code
To understand the electronic parts, we can deconstruct the part number:
* **WADS**: Series identifier (Miniature Power Relay).
* **1**: Number of poles (Single Pole).
* **12**: The nominal coil voltage required to energize the relay (**12 Volts DC**).
* **R**: Often indicates the sealing type (e.g., **RoHS Compliant** or **Flux-tight/Sealed**).
---
### 3. Internal Components
The WADS-112-R consists of several critical electronic and mechanical sub-parts:
1. **Electromagnetic Coil:** A copper wire winding that creates a magnetic field when 12V DC is applied.
2. **Armature:** A moving piece of metal that is pulled toward the coil when energized.
3. **Contacts:** The "switching" part. Usually made of silver alloy to resist "arcing" and welding under high current loads.
4. **Spring:** Returns the armature to its original position once the power to the coil is removed.
5. **Yoke/Frame:** Provides the structural support and completes the magnetic circuit.
---
### 4. Typical Applications
Because of its small footprint and 12V coil, this part is commonly found in:
* **Household Appliances:** Washing machines, microwave ovens.
* **Automotive Electronics:** Controlling lights or small motors.
* **HVAC Systems:** Controlling fans or solenoid valves.
* **Industrial Automation:** Interfacing PLCs with high-voltage actuators.
---
### 5. Wiring Diagram Logic
The pinout usually follows this logic:
```text
[Coil Pin 1] ---- (Internal Coil) ---- [Coil Pin 2]
[Common (COM)]
|
|---- [Normally Closed (NC)] <-- Connected when coil is OFF
o
\
o-- [Normally Open (NO)] <-- Connected when coil is ON
```
- ⤷
What is the maximum switching current for the WADS-112-R?
- ⤷ Can this relay be triggered by an Arduino or microcontroller directly?
- ⤷ What are the common failure modes for this type of power relay?