công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • WAC-AZ2B-R

  • AI
    The **WAC-AZ2B-R** is a specific electronic component, typically identified as a high-frequency **Surface Acoustic Wave (SAW) Filter** or a specialized RF component used in wireless communication systems. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. General Overview The WAC-AZ2B-R belongs to a category of components designed to manage radio frequency signals. Its primary function is to allow specific frequencies to pass through while blocking unwanted interference (noise). ### 2. Technical Specifications While exact parameters can vary based on the manufacturer (often related to companies like Wisewave or specialized RF vendors), the general technical profile is as follows: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | SAW Filter / RF Filter | | **Mounting Type** | Surface Mount Device (SMD) | | **Package Size** | Compact (e.g., 3.0 x 3.0 mm or smaller) | | **Frequency Range** | Usually tuned for GHz bands (e.g., 2.4GHz or 5GHz) | | **Impedance** | Standard 50 Ohms | | **RoHS Status** | Compliant (Lead-free) | --- ### 3. Key Electronic Functions 1. **Frequency Selection:** It isolates the target signal from a crowded electromagnetic spectrum. 2. **Insertion Loss Management:** Designed to have low "insertion loss," meaning it doesn't significantly weaken the signal as it passes through. 3. **Attenuation:** Provides high rejection of out-of-band signals to prevent cross-talk between different wireless protocols (e.g., keeping Bluetooth from interfering with Wi-Fi). 4. **Signal Integrity:** Maintains the phase and amplitude stability required for digital data transmission. ### 4. Common Applications * **Wireless Networking:** Found in Wi-Fi routers and access points. * **Mobile Communication:** Used in smartphones and tablets for LTE or 5G signal processing. * **IoT Devices:** Integrated into smart home sensors that require stable RF links. * **Automotive:** Used in telematics and vehicle-to-everything (V2X) communication modules. --- ### 5. Handling and Assembly As an SMD component, the WAC-AZ2B-R requires precise handling: * **Moisture Sensitivity:** Usually rated at MSL 1 or 3, requiring vacuum packaging. * **Soldering:** Requires a standard Reflow Soldering profile (lead-free). * **ESD Sensitivity:** Highly sensitive to Electrostatic Discharge; must be handled in an ESD-protected environment.
    ✨ Follow-up Questions
    • ⤷ What is the exact center frequency of the WAC-AZ2B-R?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ What are the pinout configurations for this SMD package?