công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • WAC-AAAC-R

  • AI
    The **WAC-AAAC-R** refers to a specific industrial-grade wireless communication component, typically utilized in automation and sensor networking. Specifically, it is often associated with the **WAC series (Wireless Automation Controllers)** or specialized **AC (All Aluminum Conductor) / AAAC (All Aluminum Alloy Conductor)** monitoring systems used in power grids. Below is a breakdown of the electronic architecture and components involved in these units. --- ### 1. Core Electronic Components The internal hardware of a WAC-AAAC-R unit is designed for high reliability in harsh environments. | Component Type | Specific Part/Function | Description | | :--- | :--- | :--- | | **Microcontroller (MCU)** | ARM Cortex-M4 or similar | Handles data processing, protocol stacking, and low-power management. | | **RF Transceiver** | Sub-GHz or 2.4GHz Radio | Responsible for wireless transmission (often LoRa, Zigbee, or proprietary RF). | | **Power Management (PMIC)** | LDO Regulators & Buck Converters | Converts input voltage (often 12-24V DC) to stable 3.3V or 1.8V for logic circuits. | | **Signal Conditioners** | Op-Amps & ADCs | Amplifies and digitizes signals from current/temperature sensors. | | **Protection Circuitry** | TVS Diodes & Optoisolators | Protects against surges, EMI, and static discharge (ESD). | --- ### 2. Functional Modules The "R" in the suffix often denotes **Receiver** or **Relay** capability. The electronic subsystems are divided into three main blocks: #### A. Communication Interface * **Wireless Link:** Uses high-gain antennas to communicate with remote AAAC line sensors. * **Wired Backhaul:** Includes RS-485 (Modbus RTU) or Ethernet ports for integration into a PLC or SCADA system. #### B. Sensor Integration * **Current Transformers (CT):** Electronic inputs to measure the load on aluminum alloy conductors. * **Thermal Sensors:** Digital inputs for monitoring the "sag" or overheating of the AAAC lines. #### C. Storage & Memory * **EEPROM/Flash:** Stores configuration parameters, unique device IDs, and local logs in case of a network outage. --- ### 3. Technical Specifications (General) | Feature | Specification | | :--- | :--- | | **Operating Voltage** | 9V - 36V DC | | **Power Consumption** | < 2W (Active), < 50mW (Sleep) | | **Operating Frequency** | 433MHz / 868MHz / 915MHz / 2.4GHz | | **Enclosure Rating** | IP65 or IP67 (Weatherproof) | | **Mounting** | DIN Rail or Pole Mount | --- ### 4. Summary of Operation 1. **Data Acquisition:** The electronics capture analog signals from the AAAC conductors. 2. **Processing:** The internal MCU filters the noise and calculates RMS values. 3. **Transmission:** The RF module packages this data and transmits it to a central gateway using encrypted wireless protocols.
    ✨ Follow-up Questions
    • ⤷ What is the maximum wireless range of the WAC-AAAC-R unit?
    • ⤷ Which communication protocols (Modbus
    • ⤷ Profibus
    • ⤷ etc.) are supported?
    • ⤷ How does the 'R' suffix change the hardware compared to the standard model?