WAC-A7BD-R
AI

The **WAC-A7BD-R** is a specific electronic component typically categorized under high-frequency RF (Radio Frequency) and Microwave connectors. Specifically, this part number is associated with **Hirose Electric** or similar manufacturers specializing in micro-miniature coaxial connectors (often compatible with the U.FL or W.FL series standards).
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
## 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | Ultra-miniature Coaxial Connector (Receptacle) |
| **Impedance** | 50 Ohms (Standard) |
| **Frequency Range** | DC to 6 GHz (Commonly used for Wi-Fi/Bluetooth) |
| **V.S.W.R.** | 1.3 Max (0 to 3 GHz), 1.5 Max (3 to 6 GHz) |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Contact Plating** | Gold Plated (to prevent oxidation and ensure conductivity) |
| **Mating Height** | Low profile (typically 1.25mm to 1.5mm depending on plug) |
---
## 2. Key Electronic Components & Design
### A. The Receptacle Housing
The body is usually made of a high-temperature thermoplastic (LCP - Liquid Crystal Polymer) to withstand the high temperatures of **Reflow Soldering**. This ensures the part does not melt or deform when being attached to a PCB.
### B. Signal Pin (Center Contact)
The center pin is the primary signal path. In the WAC-A7BD-R, this is precision-engineered to maintain **50-ohm characteristic impedance**. Any physical deviation in the pin's shape or material would cause signal reflection (high VSWR), leading to data loss in wireless applications.
### C. Grounding Shell (Outer Contact)
The outer metal shell serves two purposes:
1. **Shielding:** It protects the inner signal from Electromagnetic Interference (EMI).
2. **Mechanical Locking:** It provides the "click" mechanism that holds the mating cable (pigtail) in place.
---
## 3. Common Applications
These parts are found in devices where space is at a premium and wireless connectivity is required:
* **Wireless Modules:** Wi-Fi, Bluetooth, and Zigbee M.2 or mini-PCIe cards.
* **IoT Devices:** Smart home sensors and gateway hubs.
* **Mobile Hardware:** Smartphones, tablets, and lightweight laptops.
* **GPS Systems:** To connect internal antennas to the receiver circuit.
---
## 4. Handling and Soldering Precautions
```markdown
1. ESD Protection: These connectors are sensitive to Electrostatic Discharge.
Always use grounded wrist straps.
2. Solder Paste: Use a stencil thickness of 0.1mm to 0.12mm for optimal
pad wetting without bridging.
3. Mating Cycles: These connectors are designed for limited mating cycles
(usually around 20-30 cycles). Frequent unplugging can wear down
the gold plating.
```
- ⤷
What is the maximum power rating for the WAC-A7BD-R connector?
- ⤷ How does this part compare to a standard U.FL connector?
- ⤷ What are the recommended reflow soldering temperature profiles for this component?