AI

The **WAC-A7BB-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Quartz Crystal Oscillator**. It is widely used in timing circuits to provide a stable frequency reference for microprocessors and digital systems.
### 1. Technical Specifications
The following table outlines the core electronic characteristics of the WAC-A7BB-R:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Quartz Crystal / Resonator |
| **Package Type** | SMD (Surface Mount Device) |
| **Frequency Stability** | Typically ±10ppm to ±50ppm |
| **Load Capacitance** | Standard (e.g., 8pF, 10pF, or 12pF) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (Lead-Free) |
---
### 2. Functional Description
As an electronic part, the WAC-A7BB-R functions based on the **piezoelectric effect**. When an electrical signal is applied, the quartz crystal vibrates at a very precise frequency.
* **Frequency Generation:** It provides the "heartbeat" for digital circuits, ensuring that data processing occurs at synchronized intervals.
* **Low ESR (Equivalent Series Resistance):** These parts are designed with low ESR to ensure easy start-up and low power consumption, making them ideal for battery-operated devices.
* **Sealing:** Usually housed in a seam-sealed ceramic package to protect the quartz blank from moisture and environmental contaminants.
### 3. Typical Applications
The WAC-A7BB-R is commonly found in the following electronic assemblies:
1. **Consumer Electronics:** Wearables, smartphones, and tablets.
2. **Communication:** Wi-Fi modules, Bluetooth Low Energy (BLE) devices, and RF transceivers.
3. **Computing:** Embedded systems and microcontrollers (MCUs) requiring external clock sources.
---
### 4. Circuit Implementation
In a typical PCB layout, this part is connected to the `XTAL_IN` and `XTAL_OUT` pins of an IC, accompanied by two load capacitors ($C_1$ and $C_2$) to ground.
```c
// Example: Conceptual representation of Clock Initialization
void SystemClock_Config(void) {
// Enable External High Speed oscillator (HSE)
// The WAC-A7BB-R provides the physical frequency source
RCC_OscInitTypeDef RCC_OscInitStruct = {0};
RCC_OscInitStruct.OscillatorType = RCC_OSCILLATORTYPE_HSE;
RCC_OscInitStruct.HSEState = RCC_HSE_ON; // Activates the Crystal
HAL_RCC_OscConfig(&RCC_OscInitStruct);
}
```
- ⤷
What is the exact nominal frequency of the WAC-A7BB-R?
- ⤷ What are the recommended load capacitor values for this specific part?
- ⤷ Are there alternative cross-references for this crystal model?