WAC-A4BB-R
AI

The **WAC-A4BB-R** is a specific electronic component, typically categorized as a **Circular Connector** or a **Wiring Adapter/Assembly** often used in industrial automation, sensor interfacing, or specialized networking.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Component Overview
The "WAC" series usually denotes a specific wiring adapter or connector assembly. These parts are designed to bridge connections between controllers (like PLCs) and field devices.
### Technical Specifications Table
| Feature | Description |
| :--- | :--- |
| **Part Number** | WAC-A4BB-R |
| **Connector Type** | Circular (typically M12 or similar industrial standard) |
| **Pin Configuration** | 4-Pin (indicated by the '4' in the code) |
| **Gender** | Often Female/Male adapter (depending on specific R-suffix) |
| **Material** | Nickel-plated brass or high-grade polymer |
| **Contact Plating** | Gold or Silver (for high conductivity and corrosion resistance) |
---
## 2. Key Electronic Features
### A. Connectivity & Pinout
* **4-Pin Layout:** Designed for standard DC power or signal transmission. In industrial contexts, these usually map to:
1. Brown (V+)
2. White (Signal/NC)
3. Blue (V-)
4. Black (Signal/Out)
* **A-Coding:** The "A" in the part number often refers to **A-coding**, which is the most common keying for sensors, actuators, and small DC power applications to prevent incorrect mating.
### B. Electrical Ratings
* **Voltage Rating:** Generally rated for up to **250V AC/DC** (depending on the specific insulation class).
* **Current Rating:** Typically supports **4A per contact**.
* **Insulation Resistance:** Usually $>100 \, \text{M}\Omega$ to ensure signal integrity and safety.
### C. Physical Construction
* **Right-Angle ('R'):** The 'R' suffix frequently indicates a **Right-Angle** orientation. This is crucial for electronic assemblies in tight spaces where a straight cable would be bent or damaged.
* **Shielding:** Most parts in this series include EMI/RFI shielding to protect low-voltage signals from industrial electrical noise.
---
## 3. Application Examples
1. **Industrial Sensors:** Connecting inductive or capacitive proximity switches.
2. **Actuators:** Powering small solenoid valves or relays.
3. **Fieldbus Systems:** Used in basic Devicenet or I/O-Link configurations where 4-pin A-coded connectors are the standard.
---
## 4. Part Number Breakdown (Typical)
```text
WAC - A 4 B B - R
| | | | | |
| | | | | +--> Right Angle Orientation
| | | | +------> Body Material/Series Code
| | | +--------> Cable/Wire Entry Type
| | +----------> Number of Pins (4)
| +------------> Keying (A-Coded)
+-----------------> Wiring Adapter/Connector Series
```
- ⤷
What is the IP rating for the WAC-A4BB-R connector?
- ⤷ Is this part compatible with M12 or M8 industrial standards?
- ⤷ What are the specific torque requirements for the locking nut on this connector?