công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • WAC-A1BA-R

  • AI
    The **WAC-A1BA-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Wire-to-Board Header or Connector**. It is widely used in automotive and industrial electronics for high-reliability signal transmission. --- ### 1. Technical Specifications The following table outlines the primary electronic and mechanical characteristics of the WAC-A1BA-R: | Feature | Specification | | :--- | :--- | | **Component Type** | Right-Angle SMT Header | | **Number of Positions** | Variable (typically specific to the series) | | **Pitch (Spacing)** | 2.0 mm / 2.5 mm (Series dependent) | | **Current Rating** | ~2A to 3A AC/DC | | **Voltage Rating** | 100V - 250V AC/DC | | **Contact Resistance** | 20 mΩ Max | | **Insulation Resistance** | 1000 MΩ Min | | **Dielectric Strength** | 800V AC/minute | --- ### 2. Key Electronic Features The WAC-A1BA-R is designed with specific electronic protections to ensure stability in harsh environments: * **Gold/Tin Plating:** The pins are usually plated with tin or selective gold to prevent oxidation and ensure low contact resistance over long periods. * **SMT (Surface Mount Technology):** It is designed to be soldered directly onto the surface of a PCB, allowing for high-density component placement. * **Heat Resistance:** The housing is typically made of high-temperature thermoplastic (LCP or Nylon 9T) to withstand **Reflow Soldering** temperatures (up to 260°C). * **Polarization/Keying:** The plastic housing includes a physical "key" to prevent the mating cable from being plugged in backwards, preventing short circuits. --- ### 3. Structural Design The suffix nomenclature (like **-R**) usually denotes specific mechanical orientations: 1. **Right-Angle Orientation (-R):** The pins exit the connector at a 90-degree angle relative to the PCB. This is used to save vertical space ("Low Profile") or to allow side-entry cabling. 2. **Locking Mechanism:** Most headers in this series feature a "Friction Lock" or a "Positive Lock" to ensure the connector does not vibrate loose in automotive applications. 3. **Solder Tabs:** Often includes side metal tabs (Solder Nails) to increase the mechanical strength of the part on the PCB, preventing the connector from being ripped off during manual unplugging. --- ### 4. Typical Applications * **Automotive:** Infotainment systems, dashboard clusters, and ECU sensors. * **Consumer Electronics:** LCD TV backlighting and internal power modules. * **Industrial:** PLC controllers and robotics interface boards.
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the version you are using?
    • ⤷ Does your application require high-vibration resistance (Automotive grade)?
    • ⤷ Are you looking for the matching female housing part number?