WAC-A11B-R
AI

The **WAC-A11B-R** is an electronic component primarily classified as a **DC Axial Fan**, manufactured by companies like **Nidec (formerly Nidec Copal)**. These fans are engineered for high-performance cooling in industrial equipment and telecommunications hardware.
---
### 1. Key Technical Specifications
The "Electronic Parts" of this device consist of the motor assembly, the PCB controller, and the physical housing.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Input Voltage** | 12V DC (Standard operating range 7V - 13.8V) |
| **Current Draw** | Approximately 0.08A - 0.15A (Low power consumption) |
| **Speed Control** | Brushless DC Motor (BLDC) |
| **Bearing Type** | Dual Ball Bearing (for long lifespan) |
| **Airflow** | High static pressure design |
| **Termination** | 2-wire or 3-wire (Lead wires) |
---
### 2. Internal Electronic Components
The device functions through a series of integrated electronic subsystems:
#### A. Brushless DC (BLDC) Motor
Unlike traditional motors, the WAC-A11B-R uses an electronic commutator instead of carbon brushes. This reduces electronic noise (EMI) and prevents mechanical wear.
#### B. Hall Effect Sensor
Inside the motor hub, a **Hall Effect IC** senses the position of the permanent magnet rotor. This allows the internal controller to switch the polarity of the electromagnets at the precise moment to maintain rotation.
#### C. Control PCB
The base of the fan contains a small circular PCB with:
* **Driver IC:** Manages the power distribution to the stator coils.
* **Protection Diodes:** Protects the fan from reverse polarity (if the +/- wires are swapped).
* **Locked Rotor Protection:** An electronic safety feature that cuts power to the coils if the blades are physically obstructed, preventing the motor from burning out.
---
### 3. Physical & Material Composition
* **Frame:** Typically high-quality PBT (Polybutylene Terephthalate) plastic, reinforced with glass fiber for heat resistance.
* **Impeller:** Aerodynamically shaped blades designed to minimize acoustic noise while maximizing air pressure.
* **Wiring:** UL-rated lead wires (usually Red for Positive, Black for Negative/Ground).
### 4. Application Use-Cases
Because of its "R" designation (often implying RoHS compliance or specific rotational direction), it is commonly found in:
1. **Server Racks:** Continuous 24/7 operation.
2. **Power Supplies:** Heat dissipation for AC/DC converters.
3. **Industrial Controllers:** Cooling internal logic boards.
---
- ⤷What is the expected lifespan (MTTF) of the WAC-A11B-R fan?
- ⤷ How do I interpret the 3rd wire (Yellow or Blue) on this model?
- ⤷ What are the exact dimensions in millimeters for this specific part number?