W5TS-3B3-R2
AI

The **W5TS-3B3-R2** is a specific electronic component typically categorized as a **Surface Mount (SMT) Grounding Terminal** or a **Spring Contact**. These parts are frequently manufactured by companies like Omron or specialized connector brands for use in high-frequency shielding and grounding applications.
---
### 1. Key Technical Specifications
The following table outlines the general characteristics of this series of components:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | SMT Shielding/Grounding Spring Terminal |
| **Mounting Style** | Surface Mount (SMD) |
| **Material** | Stainless steel or Beryllium Copper with Gold/Nickel plating |
| **Contact Type** | Leaf Spring / Pressure Contact |
| **Packaging** | Tape and Reel (for automated pick-and-place) |
| **Primary Function** | Electrical grounding and EMI shielding |
---
### 2. Functional Overview
The W5TS-3B3-R2 serves three primary technical purposes within a PCB assembly:
1. **EMI/RFI Shielding:** It creates a low-impedance path between the PCB ground plane and a metal enclosure (chassis). This prevents electromagnetic interference from escaping or entering the device.
2. **Electrostatic Discharge (ESD) Protection:** It provides a safe path for static electricity to discharge to the ground before it can damage sensitive semiconductor components.
3. **Mechanical Connection:** Because it is a spring-loaded contact, it compensates for mechanical tolerances and vibrations between the board and the outer casing.
### 3. Internal Structure & Materiality
* **Plating:** Usually features **Gold plating** over Nickel. Gold ensures high conductivity and prevents oxidation, which is critical for maintaining a stable ground connection over the lifetime of the product.
* **Base Metal:** Designed with high elasticity to ensure that the "spring back" force remains constant even after multiple compressions.
---
### 4. Application Examples
This component is commonly found in compact consumer electronics where space is limited:
* **Smartphones:** Connecting the logic board to the internal metal frame.
* **Laptops:** Grounding the keyboard bezel or display assembly.
* **Automotive Electronics:** Providing vibration-resistant grounding for sensors and ECU modules.
---
### 5. Footprint and Soldering
The "R2" suffix usually refers to the packaging (Tape and Reel) for automated assembly.
* **Reflow Soldering:** The base of the component is designed to be soldered directly onto a PCB pad using standard SMT reflow profiles.
* **Orientation:** Most models are symmetrical, but the "3B3" designation often refers to specific height and width dimensions (e.g., 3.0mm height).
- ⤷
What is the maximum compression height for the W5TS-3B3-R2?
- ⤷ How does gold plating compare to tin plating in grounding terminals?
- ⤷ Can this part be used for power transmission or only for grounding?