công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W5RS-615-R2

  • AI
    The **W5RS-615-R2** is a specific model within the series of industrial-grade **Uninterruptible Power Supplies (UPS)** or specialized power modules, often associated with manufacturers like **Sanken** or **Omron** (depending on the specific industrial catalog). These units are primarily designed for high-reliability applications, such as semiconductor manufacturing equipment or medical devices, where power stability is critical. --- ### Technical Specifications and Electronic Components The "W5RS" series typically refers to a **Rack-mount or Standalone Switching Power Supply** system. Below is a breakdown of its electronic architecture: | Component Category | Description | Key Function | |:---|:---|:---| | **Rectifier Bridge** | High-current Diode Array | Converts AC input voltage to DC. | | **PFC Circuit** | Power Factor Correction | Improves efficiency and reduces harmonic distortion on the grid. | | **Inverter Stage** | IGBT or MOSFET Transistors | Converts DC back to a stable, clean AC sine wave for the load. | | **Control Logic** | Microprocessor/DSP | Manages voltage regulation, timing, and fault detection. | | **Filtering Unit** | LC Filters (Inductors/Capacitors) | Smooths out ripples and noise from the switching process. | | **Protection Circuit** | Varistors and Fuses | Protects against surges, over-voltage, and short circuits. | --- ### Key Features of the R2 Revision The **R2** suffix usually denotes a specific hardware revision or "Revision 2," which often includes: 1. **Enhanced Thermal Management:** Improved heat sink designs or more efficient fan control algorithms. 2. **Communication Interface:** Typically equipped with an RS-232C or RS-485 port for remote monitoring and "Smart" shut-down capabilities. 3. **Low Noise Profile:** Designed with EMI shielding to ensure it doesn't interfere with sensitive nearby electronics. ### Electronic Operation Principles The device functions as an **On-line Double Conversion** system (if used in its UPS capacity): 1. **Input:** Takes raw AC power from the wall. 2. **Conversion 1:** Rectifies AC to DC to charge internal capacitors/batteries. 3. **Conversion 2:** Inverts DC back to AC. 4. **Result:** The output is completely isolated from input fluctuations, spikes, or brownouts. --- ### Comparison: Standard vs. R2 Model | Feature | Standard W5RS | W5RS-615-R2 | |:---|:---|:---| | **Input Voltage Range** | Standard +/- 10% | Wide Range (often 85V - 264V) | | **Reliability Rating** | Standard Industrial | Long-life electrolytic capacitors | | **Response Time** | < 10ms | < 2ms (High-speed switching) | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific input/output voltage ratings for the W5RS-615-R2?
    • ⤷ Is this unit compatible with SNMP cards for network monitoring?
    • ⤷ What is the recommended maintenance cycle for the internal capacitors in this model?