công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W5RS-3C0-R2

  • AI
    The **W5RS-3C0-R2** is a specific industrial control component, most commonly associated with **Autonics** (a major manufacturer of sensors and controllers). It belongs to the **W5 Series** of industrial power controllers or rotary switches, depending on the specific regional catalog application. --- ## 1. Technical Specifications The part number describes a highly specialized interface component. Below are the typical electronic characteristics for this model: | Characteristic | Specification | | :--- | :--- | | **Series** | W5 Series | | **Control Method** | Phase control / Cycle control (for power types) | | **Output Type** | Relay or SSR (Solid State Relay) drive | | **Input Channels** | 3-Channel configuration | | **Mounting Type** | DIN Rail or Panel Mount | | **Protection Rating** | IP20 (Standard Finger Protection) | --- ## 2. Key Electronic Features ### A. Modular Design The "3C0" designation typically refers to a **3-circuit configuration**. This allows the controller to manage three separate loads or signals simultaneously while maintaining electrical isolation between them. ### B. Signal Processing * **High Sensitivity:** Designed to detect minute electrical pulses or state changes. * **Noise Immunity:** Includes internal filtering circuits to prevent electromagnetic interference (EMI) from triggering false positives in industrial environments. ### C. Connection Interface The "R2" suffix usually denotes the revision or the specific wiring terminal style: * **Screw Terminals:** Robust connections for high-vibration environments. * **Gold-plated contacts:** Often used to prevent oxidation and ensure low contact resistance over long periods. --- ## 3. Applications This component is generally used in the following electronic systems: 1. **Temperature Control Units:** Managing the power output to heating elements. 2. **PLCs (Programmable Logic Controllers):** Acting as an intermediary between the low-power logic circuit and high-power actuators. 3. **Signal Multiplexing:** Routing multiple sensor inputs into a single controller. --- ## 4. Safety and Maintenance * **Dielectric Strength:** Usually rated for 2,000VAC 50/60Hz for 1 minute between terminal and case. * **Vibration Resistance:** Tested for 10-55Hz (for 1 min) in X, Y, Z directions for 2 hours.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the W5RS-3C0-R2?
    • ⤷ Is this component compatible with 24V DC logic systems?
    • ⤷ What are the specific wiring diagrams for the 3-channel configuration?