AI

The **W5PA-C4BA2-R2/Q** belongs to the **W5PA series**, which are high-performance, compact, and reliable board-to-board (FPC) connectors often utilized in mobile devices, wearables, and automotive electronics.
---
## 1. Technical Specifications Overview
Based on the standard nomenclature for this series, here are the key technical parameters:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Board-to-Board / Board-to-FPC Connector |
| **Pitch** | 0.35 mm (Ultra-fine pitch) |
| **Number of Positions** | 4 Pins (Power/Signal configuration) |
| **Stacking Height** | Approx. 0.6 mm to 1.0 mm (Low profile) |
| **Current Rating** | High Current Capable (typically 3A to 5A for power pins) |
| **Durability** | 30 to 50 Mating Cycles |
---
## 2. Key Electronic Features
### A. Hybrid Power & Signal Delivery
The "/Q" suffix often denotes a specific configuration or qualification (such as automotive or high-speed). These connectors are designed to handle:
* **Power Pins:** Thickened copper traces within the connector to allow high current (e.g., for battery charging).
* **Signal Pins:** Designed for high-speed data integrity with low impedance.
### B. Robust Mechanical Construction
* **Armor/Shielding:** The "W5PA" series typically features a metal-shielded "armor" structure. This protects the plastic housing from damage during "blind mating" (when the user cannot see the connection point).
* **Locking Mechanism:** Includes a tactile "click" sensation to ensure the connection is secure and won't vibrate loose.
### C. EMI/EMC Protection
The metal shell acts as a ground, providing a path to dissipate Electrostatic Discharge (ESD) and reducing Electromagnetic Interference (EMI), which is critical for sensitive RF components like 5G antennas.
---
## 3. Typical Applications
Due to its small footprint and high current capacity, this part is commonly found in:
1. **Smartphones:** Connecting the battery or display FPC to the main logic board.
2. **Wearables:** Smartwatches where space is extremely limited.
3. **Automotive Modules:** Camera modules or sensor arrays requiring high reliability in compact spaces.
4. **Medical Devices:** Portable diagnostic equipment.
---
## 4. Pinout and Footprint Example
While specific pinouts are proprietary to the PCB design, the physical layout follows a standard SMT (Surface Mount Technology) pattern:
```markdown
[ Top View Representation ]
_________________
| [P] [S] [S] [P] | P = Power Pin (Outer)
| [P] [S] [S] [P] | S = Signal Pin (Inner)
-----------------
```
- ⤷
What is the exact current rating for the power pins on this specific model?
- ⤷ Is the W5PA-C4BA2-R2/Q compatible with lead-free reflow soldering processes?
- ⤷ Are there alternative connectors with a higher pin count in the same W5PA series?