AI

The **W5MS-BC-R/K** refers to a high-quality, professional-grade **waterproof connector system**, typically manufactured by brands like **Chogori**. These connectors are widely used in industrial automation, LED lighting, and marine electronics due to their "Bayonet" locking mechanism and environmental protection.
---
### 1. Key Technical Specifications
| Feature | Specification Details |
| :--- | :--- |
| **Series** | Middle Series (W5) |
| **Locking Type** | Bayonet (1/4 turn to lock/unlock) |
| **Connector Type** | Field Installable / Panel Mount options |
| **Contact Gender** | Male/Female (Indicated by R/K suffix) |
| **Current Rating** | Typically 5A to 15A (depending on pin count) |
| **IP Rating** | IP67 / IP68 (Dust-tight and waterproof) |
| **Material** | Nylon + GF (Housing), Gold-plated Copper Alloy (Contacts) |
---
### 2. Breakdown of the Part Number Components
* **W5**: Represents the series size (Middle size).
* **MS**: Usually denotes the body style (e.g., Male Socket or specific mounting configuration).
* **BC**: Refers to the **Bayonet Coupling** mechanism, which provides a secure, vibration-resistant connection.
* **R / K**: These are typically gender or orientation indicators:
* **R**: Often signifies a "Plug" or "Receptacle" configuration.
* **K**: Often signifies the specific keyway or contact type (e.g., Solder or Screw terminal).
---
### 3. Electronic & Mechanical Features
#### A. Environmental Protection
The "BC" series is designed for harsh environments. The internal O-rings and gaskets prevent water ingress even when submerged (IP68), making it ideal for outdoor electronics.
#### B. Contact Materials
The pins are generally made of a **Copper Alloy with Gold Plating**. This ensures:
1. **Low Contact Resistance:** Minimal power loss.
2. **Anti-Corrosion:** Prevents oxidation in humid or salty environments.
#### C. Safety & Durability
* **Flame Retardant:** The plastic shell usually meets **UL94V-0** standards.
* **Mating Cycles:** Designed for 500+ cycles of plugging and unplugging without mechanical failure.
---
### 4. Common Applications
* **Outdoor LED Displays:** Power and data transmission for large screens.
* **Industrial Sensors:** Connecting PLC units to remote sensors in factories.
* **Marine Equipment:** GPS, Sonar, and lighting on boats.
* **Renewable Energy:** Connections for solar panel monitoring systems.
---
- ⤷
What is the exact pin configuration for the W5MS-BC-R/K model?
- ⤷ How does the Bayonet coupling compare to Push-Pull connectors in terms of durability?
- ⤷ What is the maximum voltage rating for this specific connector series?