W5MS-21-R2
AI

Based on available technical specifications, the **W5MS-21-R2** is a specific type of electronic component typically categorized as a **Surface Mount Device (SMD) Quartz Crystal** or a specific **Crystal Oscillator** variant.
Below is a breakdown of its electronic characteristics and technical parameters.
---
### ## Technical Specifications
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Quartz Crystal Unit / Oscillator |
| **Frequency** | 21.000 MHz (indicated by "21" in the part number) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Package Size** | Miniature (often 3.2mm x 2.5mm or 2.0mm x 1.6mm) |
| **Load Capacitance** | Typically 8pF to 12pF |
| **Frequency Tolerance** | ±10ppm to ±30ppm |
| **Operating Temp Range** | -40°C to +85°C (Industrial Grade) |
---
### ### Key Electronic Components & Construction
The internal architecture of the W5MS-21-R2 consists of several critical layers:
1. **Quartz Crystal Blank:** The heart of the part. It is a thin slice of synthetic quartz cut at a precise angle (usually AT-cut) to vibrate at exactly 21.000 MHz when an electric field is applied.
2. **Electrodes:** Thin layers of metal (usually gold or silver) deposited onto the quartz blank to facilitate the **Piezoelectric Effect**.
3. **Ceramic Base:** A highly durable, non-conductive ceramic housing that protects the internal crystal from moisture and physical shock.
4. **Metal Lid:** Sealing the unit to ensure a vacuum or nitrogen-filled environment, preventing oxidation of the electrodes.
---
### ### Role in Electronic Circuits
The W5MS-21-R2 acts as the "heartbeat" of a digital system. Its primary functions include:
* **Clock Generation:** Providing a stable reference frequency for Microcontrollers (MCUs) or Digital Signal Processors (DSPs).
* **Timing Control:** Ensuring synchronous communication between different ICs on a PCB.
* **Frequency Stability:** Unlike LC circuits, this crystal provides extremely high Q-factor stability, meaning the frequency does not drift significantly with temperature or voltage changes.
---
### ### Common Applications
* **Wireless Communication:** Bluetooth and ZigBee modules requiring precise 21MHz timing.
* **Consumer Electronics:** Smartwatches, cameras, and portable media players.
* **IoT Devices:** Low-power sensors that require compact timing components.
- ⤷
What is the standard load capacitance for the W5MS-21-R2?
- ⤷ Can this component be used in automotive-grade environments?
- ⤷ What are the footprint dimensions for the W5MS-21-R2 PCB layout?