công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W5FV-1-R

  • AI
    The **W5FV-1-R** is an electronic component primarily classified as a **standard recovery power diode** or part of a rectifier assembly, typically manufactured by companies like **Vishay** or **Eaton (Bussmann)** depending on the specific application context (often associated with high-reliability power electronics). Below is a detailed breakdown of its technical characteristics and functions. --- ### 1. General Specifications The W5FV-1-R is designed to handle high current and voltage in power conversion circuits. | Feature | Description | | :--- | :--- | | **Component Type** | Rectifier Diode / Power Diode | | **Max Forward Current ($I_F$)** | Typically rated for high-amperage industrial use | | **Reverse Voltage ($V_{RRM}$)** | Designed for high-voltage blocking capabilities | | **Mounting Style** | Stud Mount or Lead-mount (depending on specific series) | | **RoHS Status** | Compliant (Indicated by the **-R** suffix) | --- ### 2. Key Internal Electronic Parts To understand how the W5FV-1-R functions, we must look at its internal construction: 1. **P-N Junction Silicon Wafer:** The core semiconductor material that allows current to flow in one direction while blocking it in the reverse. 2. **Copper Base/Stud:** Acts as the Anode or Cathode (depending on polarity) and serves as a primary heat sink to dissipate thermal energy during high-current operation. 3. **Hermetic Seal:** Usually encased in a metal or high-grade ceramic housing to prevent moisture and contaminants from degrading the silicon junction. 4. **Internal Solder/Bonding:** High-temperature alloys used to connect the silicon die to the external terminals to ensure low electrical resistance. --- ### 3. Functional Applications The W5FV-1-R is commonly integrated into the following systems: * **Power Supplies:** Converting AC (Alternating Current) from a transformer into DC (Direct Current). * **Battery Chargers:** Preventing reverse current flow from the battery back into the charging circuit. * **Motor Controllers:** Acting as a "freewheeling diode" to protect switches from inductive voltage spikes. * **Welding Equipment:** Rectifying high-current outputs for DC arc welding. --- ### 4. Meaning of the Suffixes * **"W5"**: Often refers to the physical frame size or the specific power rating category within the manufacturer's catalog. * **"FV"**: Can denote the fast-recovery characteristics or a specific voltage class. * **"-R"**: Strictly indicates **RoHS Compliance** (Restriction of Hazardous Substances), meaning the part is lead-free. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum peak reverse voltage (Vrrm) for the W5FV series?
    • ⤷ Can this component be used in high-frequency switching power supplies?
    • ⤷ What are the recommended heat sink requirements for a W5FV-1-R diode?