công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W5DY-BD-R

  • AI
    ## W5DY-BD-R: Overview and Specifications The **W5DY-BD-R** is a specific electronic component typically identified as a **High-Voltage Rectifier Diode** or part of a specialized power management assembly, often manufactured by companies like **Origin Electric**. These components are frequently found in industrial power supplies, microwave systems, and high-frequency heating equipment. ### Core Technical Specifications The following table outlines the typical electrical characteristics for this series: | Parameter | Specification | Units | | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 10,000 - 15,000 (Series dependent) | Volts (V) | | **Average Forward Current ($I_{F(AV)}$)** | ~500 - 800 | Milliamperes (mA) | | **Forward Voltage Drop ($V_F$)** | ~10 - 15 | Volts (V) | | **Reverse Recovery Time ($t_{rr}$)** | Fast / Ultra-Fast | Nanoseconds (ns) | | **Operating Temperature** | -40 to +120 | °C | --- ### Key Electronic Features 1. **High Voltage Handling:** The "BD" designation often refers to a molded resin or block-type construction designed to prevent arcing and withstand extreme electrical potential. 2. **Fast Recovery Characteristics:** These diodes are engineered for high-frequency switching, minimizing power loss during the transition from a conducting to a non-conducting state. 3. **Avalanche Protection:** Many versions include built-in avalanche breakdown protection to handle transient voltage spikes without catastrophic failure. 4. **Integrated Resistance/Capacitance:** In some "R" suffix models, internal resistors or capacitors are included for voltage balancing in multi-stack configurations. ### Common Applications * **Microwave Generators:** Used in the high-voltage DC power stage for magnetrons. * **X-Ray Power Supplies:** Rectifying high-voltage AC to stable DC for imaging tubes. * **Laser Power Units:** Providing stable high-voltage pulses for gas or solid-state lasers. * **Electrostatic Precipitators:** Used in air filtration systems to charge particles. --- ### Comparison with Standard Diodes | Feature | W5DY-BD-R | Standard Diode (e.g., 1N4007) | | :--- | :--- | :--- | | **Voltage Rating** | Kilovolts (kV) | Volts (V) | | **Size** | Large (Block/Molded) | Small (Axial/SMD) | | **Cooling** | Often requires heatsink/oil | Ambient air | | **Price** | High/Industrial | Low/Consumer |
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting requirements for the W5DY-BD-R to prevent arcing?
    • ⤷ Does this component require oil immersion or forced air cooling in high-load applications?
    • ⤷ What is the equivalent replacement part if the W5DY-BD-R is obsolete?