công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W30-34P-2-R

  • AI
    The **W30-34P-2-R** is a specific electronic component belonging to the category of **Board-to-Board (BTB) connectors** or high-density headers, typically used in telecommunications, medical equipment, and consumer electronics. --- ### 1. Key Technical Specifications Based on standard industry naming conventions for these types of connectors, here are the likely technical parameters: | Feature | Specification | | :--- | :--- | | **Component Type** | Male Header / Plug Connector | | **Number of Pins** | 34 Pins | | **Pitch** | Typically 1.27mm or 2.54mm (Series dependent) | | **Mounting Type** | Through-hole or SMT (Surface Mount Technology) | | **Contact Material** | Copper Alloy | | **Plating** | Gold or Tin (R denotes RoHS compliance) | | **Orientation** | Right Angle or Vertical (P typically denotes Plug/Male) | --- ### 2. Breakdown of the Part Number While specific manufacturers (like *Adam Tech* or *Wieson*) have internal codes, the part number generally breaks down as follows: * **W30**: Series identifier (determines the housing size and basic physical design). * **34P**: Indicates **34 Positions** (Pins). * **2**: Often refers to the row configuration (2 rows) or the specific plating thickness. * **R**: Generally stands for **RoHS Compliant** or **Reel** (Tape & Reel packaging). --- ### 3. Electronic Characteristics To ensure the part functions correctly within a circuit, engineers look at these electronic limits: * **Current Rating:** Usually between **1A to 3A** per pin. * **Insulation Resistance:** Minimum of **1000 MΩ** to prevent leakage between adjacent pins. * **Dielectric Withstanding Voltage:** Capability to handle **500V AC** for one minute without breakdown. * **Contact Resistance:** Low resistance (usually **< 20 mΩ**) to minimize heat and voltage drop. --- ### 4. Common Applications Due to its 34-pin configuration, this part is frequently used for: 1. **Parallel Data Transfer:** Connecting a main PCB to a daughterboard. 2. **Ribbon Cable Interfaces:** Standard size for older IDE interfaces or modern sensor arrays. 3. **Industrial Controls:** Providing modularity for PLC (Programmable Logic Controller) expansion modules. ---
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces the W30-34P-2-R specifically?
    • ⤷ What is the exact pitch distance for this connector?
    • ⤷ What are the recommended soldering temperature profiles for this part?