W2XR-9Z1V3-R/N
AI

The part number **W2XR-9Z1V3-R/N** identifies a specific series of **Wire-to-Board Connectors**, typically associated with manufacturers like **JST** or compatible high-density connector brands. These components are critical for establishing reliable electrical paths between printed circuit boards (PCBs) and wiring harnesses.
---
### Technical Specifications & Breakdown
Based on standard industry nomenclature for this series, here is the breakdown of its physical and electrical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Wire-to-Board Header (Right-Angle) |
| **Pitch** | 1.5mm to 2.0mm (Standard for the "W" series) |
| **Orientation** | Right-Angle (Horizontal entry) |
| **Termination Style** | Through-hole (Solder) |
| **Contact Material** | Phosphor Bronze or Copper Alloy |
| **Plating** | Tin (indicated by the /N or /R suffixes) |
| **Housing Material** | High-temperature Thermoplastic (PA66 or LCP) |
---
### Key Design Features
1. **Locking Mechanism**: These connectors usually feature a **Friction Lock** or a **Side-locking** mechanism to prevent accidental disconnection due to vibration.
2. **Polarization**: The housing is "keyed," meaning the plug can only be inserted in the correct orientation, preventing reverse-polarity damage.
3. **Low Profile**: The "9Z" designation often refers to the stack height or specific pin count, designed for space-constrained electronics like laptops, drones, or handheld devices.
4. **Environmental Compliance**: The suffix **-R/N** usually denotes RoHS compliance and "Natural" color (off-white/beige) for the plastic housing.
---
### Common Applications
These parts are widely used in industrial and consumer electronics:
* **LED Lighting**: Connecting power drivers to LED strips.
* **Consumer Electronics**: Internal power connections for small appliances.
* **Automotive Secondary Systems**: Infotainment screens and sensor modules.
* **Prototyping**: Commonly found on microcontroller breakout boards for peripheral connectivity.
---
### Safety and Handling Tips
* **Current Rating**: Ensure the wire gauge used matches the connector's current limit (typically 1.0A to 2.0A per pin).
* **Thermal Limits**: When soldering, do not exceed $260^\circ\text{C}$ to avoid warping the plastic housing.
- ⤷
What is the exact pin count for the '9Z' variant of this connector?
- ⤷ Is this connector compatible with automated SMT pick-and-place machines?
- ⤷ What is the maximum voltage rating for the W2XR series?