W2XR-9V3Z1-R/N
AI

Based on the part number provided, **W2XR-9V3Z1-R/N** appears to be a specific configuration for a high-performance **Brushless DC (BLDC) Fan**, typically manufactured by companies like **Sanyo Denki** (San Ace series) or similar industrial thermal management providers.
Below is a breakdown of the electronic and physical components associated with this type of industrial cooling part.
---
## 1. Technical Specifications Overview
Industrial fans with this nomenclature usually fall into the high-static pressure or high-airflow categories.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Input Voltage** | 12V or 24V DC (Variant dependent) |
| **Motor Type** | Brushless DC (BLDC) |
| **Bearing Type** | Dual Ball Bearing (Long life) |
| **Frame Material** | Aluminum or Glass-reinforced Plastic (PBT) |
| **Control Signal** | PWM (Pulse Width Modulation) |
| **Sensor Type** | Tachometer (Tach) / Speed Sensor |
---
## 2. Key Electronic Components
The "electronic parts" within this unit are located on a circular PCB (Printed Circuit Board) housed inside the motor hub.
### A. The BLDC Controller IC
The brain of the fan. It manages the switching of the electromagnets.
* **Commutation:** It uses electronic switching instead of carbon brushes to flip the magnetic field, reducing friction and electrical noise.
* **Soft Start:** Many of these units include "soft start" circuitry to prevent a massive current spike when the fan first powers on.
### B. Hall Effect Sensors
* **Function:** These sensors detect the position of the permanent magnets on the rotor.
* **Purpose:** They provide feedback to the controller IC so it knows exactly when to energize the next stator coil to maintain rotation.
### C. PWM Speed Control Circuitry
The **"R/N"** suffix often denotes specific wiring configurations, such as:
* **PWM Input:** Allows an external system (like a server motherboard) to control the RPM.
* **Tachometer Output:** A yellow or white wire that sends a pulse signal back to the controller to report the actual speed.
---
## 3. Wiring and Pinout
Standard configurations for these high-end industrial fans usually follow a 4-wire color code:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Black** | GND | Ground / Negative terminal |
| **Red** | VCC | Positive Power Supply |
| **Yellow** | FG (Tach) | Frequency Generator (Speed output) |
| **Blue** | PWM | Control signal for speed adjustment |
---
## 4. Protection Features
The electronics include several safety mechanisms:
1. **Locked Rotor Protection:** If the blades are obstructed, the controller cuts power to the coils to prevent the motor from burning out.
2. **Reverse Polarity Protection:** A diode is often included to protect the circuit if the power wires are connected backward.
3. **Auto-Restart:** The fan will periodically attempt to spin again once a blockage is removed.
- ⤷
What is the exact voltage rating for the W2XR series?
- ⤷ How do I interpret the 'R/N' suffix in terms of connector type?
- ⤷ What is the MTBF (Mean Time Between Failures) for this specific model?