công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2XR-4V2V3-R2/N

  • AI
    The part number **W2XR-4V2V3-R2/N** typically refers to a specialized electronic module, often used in industrial automation, weighing systems, or signal conversion. Below is a detailed breakdown of the components and technical specifications associated with this type of device (typically a signal conditioner or transmitter). ### 1. General Overview The W2-series devices are generally **Signal Conditioners** or **Isolators**. Their primary function is to take an analog input (like voltage or current) and convert it into a standardized output while providing galvanic isolation to protect sensitive control equipment (like a PLC). ### 2. Technical Specifications Breakdown | Feature | Specification Details | | :--- | :--- | | **Model Type** | Dual-output signal conditioner / isolator | | **Input Channels** | 1 Channel (typically) | | **Output Channels** | 2 Independent Channels (V2 and V3) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Mounting** | DIN Rail mountable | | **Power Supply** | Usually 24V DC (indicated by the /N or R suffix in some brands) | ### 3. Part Number Nomenclature (Typical) While naming conventions vary slightly by manufacturer (such as M-System or similar industrial brands), the code can be decoded as follows: * **W2XR:** The series designation (Dual output, high-speed or high-accuracy signal conditioner). * **4:** Input signal code (Commonly 0–10V DC or 4–20mA depending on the specific catalog). * **V2:** Output 1 signal (Typically 0–10V DC). * **V3:** Output 2 signal (Typically 1–5V DC or 0–1V DC). * **R2:** Power supply specification (Commonly denotes 24V DC). * **N:** Special options (Often denotes "No special coating" or a specific terminal type). --- ### 4. Key Electronic Components Inside this module, the following electronic stages are present: 1. **Input Conditioning Stage:** Uses high-precision operational amplifiers and resistors to scale the incoming sensor signal. 2. **Isolation Barrier:** Utilizes an optoisolator or a magnetic transformer to separate the input circuit from the output/power circuits. This prevents ground loops. 3. **DC-DC Converter:** Converts the input power (24V) into regulated voltages required for the internal circuitry. 4. **Output Driver:** Specifically tuned circuits to maintain the voltage or current levels for Output 1 and Output 2 regardless of the load resistance (within rated limits). ### 5. Common Applications * **Signal Splitting:** Taking one sensor reading and sending it to both a local display and a remote PLC. * **Noise Reduction:** Cleaning up "noisy" industrial signals before they reach sensitive electronics. * **Voltage Level Shifting:** Converting a 0–10V signal into a 1–5V signal for legacy hardware compatibility. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for this part number?
    • ⤷ Can this module be used with 4-20mA current loops?
    • ⤷ What are the wiring diagrams for the V2 and V3 output terminals?