công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2XR-3V3V3-R2

  • AI
    The **W2XR-3V3V3-R2** is a specialized power supply module, typically categorized as a high-reliability, dual-output DC-DC converter. These parts are frequently used in telecommunications, industrial automation, and server infrastructures where redundant power and precise voltage regulation are critical. --- ### 1. Technical Specifications Overview Below is a breakdown of the typical characteristics found in the W2XR series architecture: | Feature | Specification Details | | :--- | :--- | | **Input Voltage Range** | Typically wide-range DC input (often 36V - 75V for telecom) | | **Output Voltage 1** | 3.3V DC | | **Output Voltage 2** | 3.3V DC | | **Redundancy** | Dual-channel support (indicated by "R2") | | **Form Factor** | Modular / Plug-in PCB mount | | **Efficiency** | Generally >88% depending on load conditions | --- ### 2. Key Electronic Components & Internal Architecture The module is composed of several critical electronic sub-systems: * **Switching Regulator (Buck Converter):** Uses high-frequency MOSFETs to step down the input voltage to the 3.3V logic level. * **Isolation Transformer:** Provides galvanic isolation between the input source and the output load to protect sensitive downstream logic circuits. * **Filtering Network (LC Filters):** Consists of high-capacitance ceramic or polymer capacitors and inductors to minimize ripple voltage and electromagnetic interference (EMI). * **Protection Circuitry:** * **OVP (Over Voltage Protection):** Shuts down if the output exceeds safety limits. * **OCP (Over Current Protection):** Prevents damage during a short circuit. * **OTP (Over Temperature Protection):** Thermal sensors that throttle power if the unit overheats. ### 3. Part Number Decoding The nomenclature provides specific information about the part's capabilities: * **W2XR:** The series designation, often signifying a "Wide-range" input or a specific manufacturer series (e.g., related to Artesyn or specialized power brands). * **3V3V3:** Indicates the dual output rails. Both are set to **3.3 Volts**. * **R2:** Denotes the **Revision 2** or a specific **Redundancy** configuration allowing two modules to share a load. --- ### 4. Application Scenarios This part is commonly found in the following hardware: 1. **Network Switches/Routers:** Providing stable power to ASICs and FPGAs that require 3.3V. 2. **Blade Servers:** Serving as a point-of-load (POL) converter within a chassis. 3. **Industrial Controllers:** Used where dual 3.3V rails are needed to separate digital logic power from I/O power to reduce noise coupling.
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the W2XR-3V3V3-R2?
    • ⤷ Which manufacturers produce equivalents to this specific power module?
    • ⤷ Can this module be used in a parallel configuration for higher current output?