công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2XR-1V3Z1-R2/N

  • AI
    The part number **W2XR-1V3Z1-R2/N** typically refers to a specialized **Industrial Wireless Ethernet Bridge/Client** module, often used in automation and ruggedized networking environments. Below is the technical breakdown of the electronic components and characteristics associated with this device. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Product Category** | Industrial Wireless LAN (WLAN) Unit | | **Wireless Standard** | IEEE 802.11a/b/g/n (Dual Band) | | **Frequency Bands** | 2.4 GHz and 5 GHz | | **Data Rate** | Up to 300 Mbps (MIMO 2x2) | | **Ethernet Port** | 10/100/1000 Base-T (RJ45) | | **Operating Voltage** | 12V - 24V DC | | **Enclosure Rating** | Ruggedized / Industrial Grade | | **Antenna Connector** | RP-SMA (Typically 2 ports for MIMO) | --- ### 2. Core Electronic Components The device is composed of several critical subsystems: #### A. Radio Frequency (RF) Frontend * **MIMO Technology:** Uses 2x2 Multiple-Input Multiple-Output technology. This involves two sets of antennas and internal signal processors to improve throughput and link reliability in environments with high interference (like factories). * **Power Amplifiers (PA):** Integrated circuits that boost the signal for long-range transmission. * **Low Noise Amplifiers (LNA):** Sensitive components that amplify weak incoming signals from distant access points without adding noise. #### B. Power Management Circuitry * **Wide Input Voltage Regulator:** Industrial environments often have fluctuating power. The internal electronics include DC-DC buck-boost converters to stabilize 12-24V input down to the 3.3V or 5V required by the logic chips. * **Reverse Polarity Protection:** A diode-based circuit to prevent damage if the power leads are connected incorrectly. #### C. Processing & Memory * **Network Processor:** An ARM or MIPS-based SoC (System on Chip) handles the TCP/IP stack and wireless encryption (WPA2/WPA3). * **Flash Memory:** Stores the firmware and configuration settings. * **RAM:** Handles high-speed data buffering during heavy network traffic. --- ### 3. Functional Capabilities * **Roaming Logic:** The internal circuitry is optimized for "Fast Roaming," allowing the unit to switch between different Access Points (APs) in milliseconds—critical for mobile robots (AGVs) or forklifts. * **Bridging/Client Mode:** The electronics allow a non-wireless device (like a PLC) to connect to a Wi-Fi network via the Ethernet port. --- ### 4. Environmental Ruggedization Unlike consumer electronics, this part features: * **Thermal Dissipation:** An aluminum chassis or internal heat sinks to manage heat in fanless environments. * **ESD Protection:** The Ethernet and Antenna ports include Transient Voltage Suppressors (TVS) to protect against static electricity.
    ✨ Follow-up Questions
    • ⤷ Does this module support Power over Ethernet (PoE)?
    • ⤷ What is the maximum operating temperature range for the W2XR series?
    • ⤷ Can this device be configured as a standalone Access Point?