công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2XR-0V2V3-R2/N

  • AI
    The part number **W2XR-0V2V3-R2/N** typically refers to a specialized electronic module, often associated with industrial automation, power distribution, or signal conditioning interfaces. --- ### 1. Component Identification While specific nomenclature can vary by manufacturer (often used in sectors involving PLC interfaces or rail-mounted modules), the code can be broken down into functional blocks: | Segment | Potential Meaning | Description | | :--- | :--- | :--- | | **W2XR** | Series Prefix | Often denotes a slim-line interface or relay terminal series. | | **0V2V3** | Voltage/Config | Specifies the input/output voltage rating (e.g., 0V to 2.3V or specific logic levels). | | **R2** | Channel Count | Typically indicates a 2-channel (dual) relay or output configuration. | | **N** | Polarity/Logic | Often signifies **NPN** logic or a specific negative common rail. | --- ### 2. Key Technical Specifications Based on standard industrial electronic standards for this class of component, the specifications generally include: * **Mounting Type:** DIN Rail (Standard 35mm). * **Input Logic:** NPN (Negative switching) or specific DC voltage triggers. * **Isolation:** Galvanic isolation between control and load circuits to protect sensitive PLCs. * **Termination:** Screw terminals or push-in spring terminals. * **Indicators:** Integrated LEDs for status monitoring (Input/Output active). --- ### 3. Functional Application These parts are primarily used to bridge the gap between low-power control signals and high-power field devices. #### Common Use Cases: 1. **PLC Output Buffering:** Protecting a PLC internal circuitry from inductive loads. 2. **Signal Conversion:** Converting NPN logic to a dry contact relay output. 3. **Space Optimization:** Utilizing the "slim" form factor to fit multiple channels in a compact control cabinet. --- ### 4. Circuit Diagram Logic (Simplified) ```mermaid graph LR A[Input Signal: 0-24V] --> B[Opto-Isolator] B --> C[Switching Transistor/Relay] C --> D[Output Load: R2 Channel] D --> E[Common Ground / N] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the R2 output channels?
    • ⤷ Does this module require an external power supply for the logic circuit?
    • ⤷ Can this part be used with PNP logic controllers?