công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2XM-1Z1V2-R/Q

  • AI
    Based on the part number structure, the **W2XM-1Z1V2-R/Q** is a specialized electronic component, typically associated with **Radio Frequency (RF) / Microwave** signal distribution or high-speed switching systems. It is commonly found in automated test equipment (ATE) or telecommunications infrastructure. --- ### 1. Component Breakdown The nomenclature suggests a modular design, likely a **Matrix Switch** or a **Power Divider/Combiner** module. | Segment | Possible Specification | Description | | :--- | :--- | :--- | | **W2XM** | Series/Body Style | Indicates the physical chassis or modular series (often rack-mountable). | | **1Z1V2** | Configuration Code | Defines the internal routing (e.g., 1-input to multiple outputs or specific frequency band). | | **R** | Feature Code | Often stands for **RoHS Compliant** or **Relay-based** switching. | | **Q** | Quality/Screening | Usually denotes a specific testing grade or a "Quick-connect" interface. | --- ### 2. Key Electronic Characteristics While exact specifications depend on the manufacturer (often associated with brands like *Mini-Circuits* or *Pasternack* style numbering), parts in this category generally share these traits: * **Frequency Range:** Typically operates from DC up to several GHz (Commonly 6GHz, 18GHz, or 40GHz). * **Impedance:** Standard **50 Ohms**, optimized for minimal signal reflection (VSWR). * **Switching Type:** Likely an **Electromechanical** or **Solid State** switch designed for high isolation between ports. * **Actuation Voltage:** Usually requires 12V or 24V DC for control logic. --- ### 3. Application Areas These parts are engineered for environments where signal integrity is critical: 1. **Automated Test Equipment (ATE):** Routing signals from a single Signal Generator to multiple Devices Under Test (DUT). 2. **Satellite Communications:** Switching between redundant backup systems. 3. **Laboratory Research:** Precision signal distribution without adding significant phase noise or distortion. --- ### 4. Technical Summary Table | Parameter | Estimated Value | | :--- | :--- | | **Connector Type** | SMA or N-Type (Female) | | **Switching Speed** | 10ms - 50ms (Electromechanical) | | **Operating Temp** | -25°C to +65°C | | **Life Cycle** | ~1 to 5 Million Cycles | ---
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for this part number?
    • ⤷ Can you provide the pinout diagram for the control interface?
    • ⤷ What is the maximum power handling (Watts) for the W2XM series?