W2XF-Z1V3V2-R/N
AI

The part number **W2XF-Z1V3V2-R/N** identifies a specific industrial-grade **AC axial fan** from the **W2X** series, typically manufactured by **ebm-papst**. These fans are designed for high-performance cooling in server racks, control cabinets, and industrial power supplies.
---
### Technical Specifications
The alphanumeric code breaks down into specific electrical and mechanical characteristics:
| Component | Specification | Description |
| :--- | :--- | :--- |
| **Series** | W2X | Compact AC Axial Fan series (usually 80mm or 119mm) |
| **Motor Type** | Z1 | Shaded-pole motor (Standard AC induction) |
| **Airflow Direction** | V3V2 | Specifies V-type (Exhaust over struts) airflow profile |
| **Voltage** | R | Typically indicates 230V AC operation (50/60 Hz) |
| **Bearing System** | /N | Ball bearing system for long-life horizontal/vertical mounting |
---
### Key Electronic & Mechanical Features
#### 1. Motor Construction
* **Asynchronous Shaded-Pole Motor:** This is a rugged, brushless AC motor. It is self-starting and has no internal electronic switching, making it highly resistant to electromagnetic interference (EMI).
* **Impedance Protection:** The motor is protected against locking/stalling. If the blades are obstructed, the impedance of the windings prevents the motor from overheating or catching fire.
#### 2. Bearing System (/N)
* The use of **dual ball bearings** allows the fan to be mounted in any orientation (horizontal, vertical, or angled).
* Compared to sleeve bearings, ball bearings offer a significantly higher **L10 life expectancy** (often >60,000 hours at 40°C).
#### 3. Housing and Impeller
* **Material:** Usually features a die-cast aluminum housing for heat dissipation and grounded electrical safety.
* **Impeller:** Made of mineral-reinforced plastic (PA 6.6) to reduce weight and startup torque.
---
### Electrical Parameters (General Range)
* **Nominal Voltage:** 230 VAC
* **Frequency:** 50 / 60 Hz
* **Power Consumption:** 11W to 18W (depending on the specific chassis size)
* **Connection:** Lead wires or 2.8mm spade terminals (depending on the specific sub-variant).
---
### Applications
* **IT/Telecom:** Cooling for server enclosures and network switches.
* **Industrial:** Ventilation for PLC cabinets and frequency converters.
* **Medical:** Thermal management for diagnostic equipment.
- ⤷
What is the exact CFM airflow rating for the W2XF series?
- ⤷ Does this model support PWM speed control or is it fixed speed?
- ⤷ What are the dimensions (mm) of the W2XF housing?