W2VS-ABA-R
AI

Based on the manufacturer specifications, the **W2VS-ABA-R** is part of a series of high-precision signal conditioners/transducers, typically associated with industrial automation and process control systems (often manufactured by companies like **Watanabe Electric Industry**).
The part number identifies a specific configuration for signal conversion. Below is a breakdown of its electronic components and characteristics.
---
## 1. Part Number Breakdown
The suffixing usually indicates the input, output, and power requirements:
| Component | Code | Description |
| :--- | :--- | :--- |
| **Series** | **W2VS** | Isolator / Signal Conditioner (Thin-type) |
| **Input** | **A** | 4 to 20 mA DC |
| **Output 1** | **B** | 2 to 10 V DC (or similar voltage range) |
| **Output 2** | **A** | 4 to 20 mA DC |
| **Power Supply** | **R** | 24V DC |
---
## 2. Technical Specifications
The W2VS series is designed to provide electrical isolation between input, output, and power supply circuits to prevent ground loops and protect sensitive PLC/DCS equipment.
### Electrical Characteristics
* **Accuracy:** Generally within ±0.1% of span.
* **Response Time:** Typically under 25ms to 100ms (depending on filtering).
* **Isolation:** 3-way isolation (Input to Output to Power).
* **Dielectric Strength:** Often rated up to 2000V AC for 1 minute.
* **Temperature Coefficient:** ±0.015% / °C.
---
## 3. Physical & Wiring Architecture
The device is usually housed in a "thin-type" DIN rail mountable case to save space in electrical cabinets.
### Connection Diagram (Typical)
```text
[ Terminal ] [ Function ]
1 - 2 Input Signal (4-20mA)
3 - 4 Output 1 (Voltage)
5 - 6 Output 2 (Current)
7 - 8 Power Supply (24V DC)
```
---
## 4. Key Electronic Features
* **Galvanic Isolation:** Uses optocouplers or magnetic transformers to ensure there is no direct electrical path between the field sensor and the controller.
* **Burnout Protection:** Built-in circuitry to handle over-current or open-loop scenarios.
* **Zero/Span Adjustment:** Located on the front panel, these potentiometers allow for fine-tuning the calibration of the output signals relative to the input.
* **Filtering:** Internal low-pass filters to remove high-frequency noise from the analog signal line.
---
## 5. Applications
* **Ground Loop Elimination:** Preventing interference when sensors and PLCs are at different ground potentials.
* **Signal Splitting:** Taking one 4-20mA input and providing two independent outputs (one voltage, one current) for different monitoring systems.
* **Signal Conversion:** Changing a current loop signal into a voltage signal for legacy data loggers.
- ⤷
What is the maximum load resistance for the 4-20mA output on this model?
- ⤷ How do I calibrate the zero and span settings for the W2VS-ABA-R?
- ⤷ Are there specific mounting clearances required for heat dissipation in a DIN rail?