W2VS-A2Y-R2SLASHN
AI

The **W2VS-A2Y-R2/N** (often simplified as W2VS series) is a signal transducer/isolator manufactured by **M-System**. It belongs to the "Ultra-Slim Signal Conditioners" family, designed to convert high-speed pulse inputs or analog signals into isolated DC outputs.
Below is the breakdown of its electronic components, specifications, and functions.
---
### 1. Model Code Breakdown
The suffix of the model number defines its specific electronic configuration:
| Code Segment | Description | Specific Detail |
| :--- | :--- | :--- |
| **W2VS** | Series Name | Ultra-Slim Signal Splitter/Conditioner |
| **A** | Input Type | 4 – 20 mA DC |
| **2Y** | Output 1 & 2 | Output 1: 4 – 20 mA DC / Output 2: 1 – 5 V DC |
| **R** | Power Input | 24 V DC |
| **2/N** | Options | High-speed response (2) and No DIN rail mounting bracket (/N) |
---
### 2. Key Internal Electronic Components
The unit is composed of several critical sub-circuits that ensure signal integrity:
* **Input Stage (Current Loop):** Utilizes a precision low-impedance shunt resistor to convert the 4-20mA input current into a voltage signal. It includes surge protection (Zener diodes) to prevent damage from line spikes.
* **Isolation Barrier:** Uses an **Opto-coupler** or **Transformer isolation**. This provides a 2000V AC isolation between input, output 1, output 2, and power, preventing ground loops.
* **Signal Processing Circuit:** Employs an operational amplifier (Op-Amp) with high CMRR (Common Mode Rejection Ratio) to maintain accuracy.
* **Power Supply Module:** A DC/DC converter that steps down and stabilizes the 24V DC input to power the internal circuitry while maintaining galvanic isolation.
---
### 3. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Supply Voltage** | 24 V DC (±10%) |
| **Input Impedance** | 250 Ω (for 4-20mA input) |
| **Isolation Resistance** | 100 MΩ minimum at 500 V DC |
| **Accuracy** | ±0.1% of span |
| **Response Time** | Approx. 25 ms (0 to 90%) |
| **Temperature Range** | -5 to +55°C (23 to 131°F) |
---
### 4. Wiring Diagram (Conceptual)
```mermaid
graph LR
A[Input 4-20mA] --> B(Isolator)
B --> C[Output 1: 4-20mA]
B --> D[Output 2: 1-5V]
E[24V DC Power] --> B
```
### 5. Application Usage
* **Signal Splitting:** Taking one sensor signal (like a flow meter) and sending it to two different devices (e.g., a PLC and a local display) simultaneously.
* **Ground Loop Elimination:** Resolving potential differences between the field instrument and the control room.
* **Impedance Matching:** Converting a current signal to a voltage signal for legacy controllers.
---
- ⤷What is the maximum load resistance for the 4-20mA output on this model?
- ⤷ Can this device be used with a 110V AC power supply instead of 24V DC?
- ⤷ What is the physical width of the W2VS series for DIN rail planning?