công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2VS-A116-R2SLASHUL

  • AI
    The **W2VS-A116-R2/UL** is a high-performance signal conditioner (isolator) typically manufactured by companies like **Watanabe Electric Industry**. It is designed to convert and isolate DC signals in industrial automation systems. --- ### 1. Key Technical Specifications The part number indicates specific configurations for input, output, and power supply. | Feature | Specification | | :--- | :--- | | **Component Type** | Isolated Signal Conditioner (Transmitter) | | **Input Signal** | 4 to 20 mA DC | | **Output 1** | 1 to 5 V DC | | **Output 2** | 4 to 20 mA DC (Dual output model) | | **Power Supply** | 100-240V AC (Standard for R2 designation) | | **Isolation** | 3-way isolation (Input, Output, Power) | | **Mounting** | DIN Rail mount | | **Safety Standard** | UL/cUL recognized (indicated by /UL) | --- ### 2. Functional Description This device performs three primary electronic functions: 1. **Signal Conversion**: It takes a standard current loop (4-20mA) and converts it into a voltage signal (1-5V) or another current signal. This is essential for interfacing sensors with PLCs or Data Loggers that have different input requirements. 2. **Isolation**: It provides electrical separation between the input circuit, the output circuit, and the power supply. This prevents **ground loops**, reduces noise interference, and protects sensitive control equipment from high-voltage surges. 3. **Signal Distribution**: The "W" in the prefix usually denotes a "Dual Output" (Splitter) function. It can take one input signal and provide two independent output signals. --- ### 3. Electronic Architecture Inside the unit, the following stages are typically present: * **Input Stage:** A precision shunt resistor converts the current signal into a proportional voltage. * **Isolation Barrier:** Uses an optocoupler or magnetic transformer to transfer the signal across a physical gap without electrical contact. * **Output Stage:** Operational amplifiers (Op-Amps) and transistors scale the signal to the desired 1-5V or 4-20mA range. * **Switching Power Supply:** An internal AC/DC converter provides stable DC rails for the internal circuitry. --- ### 4. Wiring and Terminals While you should always consult the specific datasheet, the standard terminal layout for this series is: ```text [ Power L ] [ Power N ] [ Ground ] ---------------------------------- [ Input + ] [ Input - ] ---------------------------------- [ Out 1 + ] [ Out 1 - ] [ Out 2 + ] [ Out 2 - ] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum isolation voltage for the W2VS series?
    • ⤷ How do I calibrate the zero and span settings on this unit?
    • ⤷ Can this device be used with a 24V DC power supply instead of AC?