W2VS-2AY-R
AI

The **W2VS-2AY-R** is a specific model of an **Isolator/Signal Conditioner** belonging to the W2VS series, typically manufactured by **M-System** (now part of MG CO., LTD). These devices are used in industrial automation to convert, isolate, and transmit DC signals.
---
### 1. Technical Specifications
The model code "W2VS-2AY-R" can be broken down to understand its internal electronic characteristics:
| Code Segment | Component Detail | Description |
| :--- | :--- | :--- |
| **W2VS** | Series Name | Ultra-slim Signal Conditioner (Dual Output) |
| **2** | Input Signal | 4 to 20 mA DC |
| **A** | Output 1 | 4 to 20 mA DC |
| **Y** | Output 2 | 0 to 10 V DC (Standard Voltage) |
| **R** | Power Input | 24V DC |
---
### 2. Electronic Architecture
The internal circuitry of the W2VS-2AY-R consists of several key stages:
#### A. Input Stage
* **Current Shunt:** Converts the 4-20mA input current into a proportional voltage.
* **Protection:** Includes surge protectors and filters to eliminate electromagnetic interference (EMI) from the field sensors.
#### B. Isolation Barrier
* **Galvanic Isolation:** Uses optical or magnetic coupling to separate the Input, Output 1, Output 2, and Power supply.
* **Isolation Strength:** Typically rated for 2000V AC per minute. This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges.
#### C. Signal Processing & Dual Output
* **Operational Amplifiers:** High-precision op-amps scale the signal.
* **Conversion:** The internal electronics split the signal into two independent paths. One path generates a current loop (4-20mA), and the other generates a voltage signal (0-10V).
#### D. Power Management
* **DC/DC Converter:** Since it is "R" (24V DC) powered, an internal converter stabilizes the voltage for the internal components and ensures the isolation remains intact.
---
### 3. Application Use Case
This part is primarily used when a single sensor signal needs to be sent to two different devices that require different signal types.
**Example Scenario:**
* **Sensor:** A flow meter sending 4-20mA.
* **Output 1 (4-20mA):** Sent to a PLC for process control.
* **Output 2 (0-10V):** Sent to a local analog display or a chart recorder.
---
### 4. Key Wiring Terminals
Typically, the device uses a tension-clamp or screw terminal system:
```markdown
- Terminals 1 & 2: Output 1 (4-20mA)
- Terminals 3 & 4: Output 2 (0-10V)
- Terminals 5 & 6: Input (4-20mA)
- Terminals 7 & 8: Power Supply (24V DC)
```
- ⤷
What is the maximum load resistance for the 4-20mA output on this model?
- ⤷ How do I calibrate the Zero and Span settings on the W2VS series?
- ⤷ Can this unit be mounted on a standard DIN rail?