W2VS-221-R2/N
AI

The **W2VS-221-R2/N** is a specific model of a **Slim-type Isolator (Signal Conditioner)**, typically manufactured by companies like **Watanabe Electric Industry**. These devices are crucial in industrial automation for signal conversion and isolation to prevent electrical interference.
---
### 1. Technical Specifications Overview
The model name encodes specific electronic characteristics. Below is a breakdown of its primary specifications:
| Feature | Specification |
| :--- | :--- |
| **Device Type** | Signal Conditioner / Isolator |
| **Input Signal** | 4 to 20 mA DC |
| **Output 1** | 1 to 5 V DC |
| **Output 2** | 1 to 5 V DC |
| **Power Supply** | 100 to 240V AC (Standard "R2" variant) |
| **Mounting** | DIN Rail Mounting |
| **Accuracy** | ±0.1% of span |
---
### 2. Key Electronic Components & Functions
#### A. Signal Isolation (Optical/Magnetic)
The core of this device is the **Isolation Barrier**. It uses optocouplers or magnetic transformers to transfer the signal from the input circuit to the output circuit without a direct electrical connection.
* **Purpose:** Protects expensive PLC/DCS systems from high-voltage surges and eliminates ground loops.
#### B. Precision Resistors (Input Stage)
Since the input is 4-20mA, the device uses a high-precision shunt resistor to convert the current into a measurable voltage. These resistors have very low thermal drift to ensure accuracy across temperature changes.
#### C. Operational Amplifiers (Op-Amps)
High-impedance Op-Amps are used to scale the signal. In this model, the input signal is processed and split into two independent 1-5V DC outputs.
* **Buffer Circuitry:** Ensures that the load on Output 1 does not affect the signal on Output 2.
#### D. Power Supply Module (AC/DC Converter)
The "R2" designation typically refers to a universal AC power input (100-240V). Internal electronics include:
* **Transformer:** For step-down and safety isolation.
* **Rectifiers/Regulators:** To provide stable DC voltage to the internal sensing circuitry.
---
### 3. Wiring Configuration
The terminal block layout generally follows this logic:
1. **Input:** Terminals for the 4-20mA loop.
2. **Output 1:** 1-5V DC pins.
3. **Output 2:** 1-5V DC pins (Independent).
4. **Power:** L and N terminals for AC input.
---
### 4. Typical Applications
* **Ground Loop Elimination:** When a sensor and a controller are at different ground potentials.
* **Signal Splitting:** Taking one 4-20mA sensor signal and providing two 1-5V signals to two different devices (e.g., a local display and a remote PLC).
* **Signal Conversion:** Converting current-based transmission to voltage-based processing.
- ⤷
What are the specific terminal pin assignments for the W2VS-221-R2/N?
- ⤷ Can the output range be adjusted manually via potentiometers?
- ⤷ How does this model handle signal damping or response time?