W2VS-1BA-R2/N
AI

The **W2VS-1BA-R2/N** is a high-precision, space-saving signal conditioner (transducer) manufactured by **M-System** (now part of MG CO., LTD.). It belongs to the W2 series, which features a dual-output design in a compact plug-in form factor.
---
### 1. Key Technical Specifications
The model code `W2VS-1BA-R2/N` can be broken down into its functional components:
| Feature | Specification | Description |
|:---|:---|:---|
| **Primary Function** | Isolator | Provides galvanic isolation between input and output. |
| **Input Signal (1)** | 0 – 10V DC | Standard voltage input range. |
| **Output 1 (B)** | 2 – 10V DC | First isolated output signal. |
| **Output 2 (A)** | 4 – 20mA DC | Second isolated output signal. |
| **Power Input (R2)** | 11 – 27V DC | Standard 24V DC control power. |
| **Option (/N)** | No Option | Standard configuration without special coatings. |
---
### 2. Internal Electronic Architecture
The device utilizes a sophisticated circuit design to ensure signal integrity and protection:
* **Galvanic Isolation:** It provides 3-way isolation (Input to Output 1 to Output 2 to Power). This prevents ground loops from damaging sensitive PLCs or DCS systems.
* **A/D and D/A Conversion:** Modern versions typically use a high-resolution microcontroller to digitize the input signal, apply linearization or filtering, and then convert it back to precise analog outputs.
* **Zero/Span Adjustment:** The front panel contains multi-turn potentiometers.
* **Zero:** Adjusts the offset (bottom of the range).
* **Span:** Adjusts the gain (top of the range).
* **Status Indicator:** Equipped with a front-facing LED to indicate power status and operational health.
---
### 3. Connection Diagram (General)
The unit uses a base socket for wiring. Below is the typical pin-out logic for this series:
```text
[ Power Supply ]
Terminal 7: + (24V DC)
Terminal 8: - (GND)
[ Input ]
Terminal 5: + (0-10V)
Terminal 6: -
[ Output 1 ]
Terminal 1: + (2-10V)
Terminal 2: -
[ Output 2 ]
Terminal 3: + (4-20mA)
Terminal 4: -
```
---
### 4. Applications
* **Signal Splitting:** Taking one 0-10V sensor signal and providing two different outputs (e.g., one for a local display and one for a remote PLC).
* **Impedance Matching:** Converting a high-impedance voltage signal into a robust 4-20mA current loop for long-distance transmission.
* **Noise Reduction:** Eliminating electrical noise and common-mode voltages in industrial environments.
---
- ⤷
How do I calibrate the Zero and Span for this specific model?
- ⤷ What is the dielectric strength (isolation voltage) between the input and output?
- ⤷ Can this unit be mounted on a standard DIN rail?