W2VS-1BA-R2
AI

## W2VS-1BA-R2 Technical Overview
The **W2VS-1BA-R2** is a high-performance **Signal Conditioner (Transducer)** manufactured by **M-System**. It is specifically designed to convert a potentiometric resistance signal into a standardized DC output signal.
### 1. Core Functionality
This device functions as a **Potentiometer Transmitter**. It tracks the position of a potentiometer (variable resistor) and converts that mechanical position into a linear electrical signal suitable for PLCs, DCS, or SCADA systems.
---
### 2. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Model Series** | W2VS (Ultra-slim Signal Conditioner) |
| **Input Type** | Potentiometer (100 $\Omega$ to 10 k$\Omega$) |
| **Output Type** | Dual Output (R2 specifies specific DC ranges) |
| **Power Input** | 24V DC |
| **Response Time** | $\leq$ 0.5 seconds (0 – 90%) |
| **Accuracy** | $\pm$0.1% of span |
| **Isolation** | 2000V AC (Input to Output to Power) |
---
### 3. Electronic Components & Design
The W2VS-1BA-R2 utilizes several critical electronic sub-systems to ensure precision and reliability:
* **Excitation Circuit:** Provides a stable voltage to the external potentiometer. It is designed to minimize power consumption and heat generation within the sensor.
* **Zero/Span Adjustments:** Located on the front panel. These are multi-turn electronic trimmers that allow for precise calibration of the 0% and 100% points.
* **Isolation Transformer:** Employs a high-frequency magnetic isolator to separate the input, output, and power circuits. This prevents ground loops and protects sensitive equipment from surges.
* **Signal Amplifier:** A low-noise operational amplifier (Op-Amp) converts the wiper voltage into a standardized voltage or current.
---
### 4. Typical Applications
* **Valve Position Sensing:** Converting the position of a rotary or linear valve into a 4-20mA signal.
* **Tank Level Monitoring:** Using float-operated potentiometers to measure liquid levels.
* **Machinery Feedback:** Sensing the movement of robotic arms or industrial actuators.
---
### 5. Wiring Diagram Concept
The unit typically uses a **DIN-rail mount** with the following terminal logic:
1. **Input:** Terminals for the Potentiometer (High, Wiper, Low).
2. **Output 1:** Primary DC signal (e.g., 4-20mA).
3. **Output 2:** Secondary DC signal (e.g., 1-5V).
4. **Power:** 24V DC supply terminals.
- ⤷
What are the specific output ranges for the 'R2' variant of this model?
- ⤷ How do I calibrate the zero and span settings on the W2VS series?
- ⤷ Is this model compatible with 3-wire or 2-wire potentiometer configurations?