công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2VS-1BA-R

  • AI
    The **W2VS-1BA-R** is a specific electronic component, typically categorized as a **Resistor Network** or a high-precision **Current Sense Resistor** depending on the specific manufacturer series (often associated with brands like Walsin or similar passive component specialists). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The part number typically follows a standard encoding for passive components. Here is the technical breakdown of its attributes: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Current Sense / Precision Resistor | Used for monitoring current flow in circuits. | | **Resistance Value** | ~1.0 $\Omega$ (Base Value) | The "1B" or "R" suffix often denotes the ohmic value. | | **Tolerance** | $\pm 0.1\%$ to $\pm 1.0\%$ | High precision for sensitive measurement tasks. | | **Power Rating** | 0.5W to 1W | Capacity to dissipate heat during operation. | | **Package Style** | SMD (Surface Mount Device) | Designed for automated PCB assembly. | --- ### 2. Key Electronic Features * **Low TCR (Temperature Coefficient of Resistance):** This part is engineered to maintain a stable resistance value even as the temperature of the circuit rises, preventing measurement drift. * **Anti-Sulfuration:** Many components in this series feature a protective layer to prevent silver sulfide growth, making them suitable for harsh industrial environments. * **High Power Density:** Despite its small footprint, it can handle significant wattage, which is critical for power management modules. --- ### 3. Pin Configuration and Internal Structure While the physical component may look like a standard chip, its internal structure is optimized for thermal management. ```mermaid graph LR A[Terminal 1] --- B{Resistive Element} B --- C[Terminal 2] style B fill:#f96,stroke:#333,stroke-width:2px ``` --- ### 4. Common Applications The **W2VS-1BA-R** is commonly found in the following electronic systems: 1. **Battery Management Systems (BMS):** Measuring the charge/discharge current of Lithium-ion cells. 2. **DC-DC Converters:** Providing feedback loops for voltage regulation. 3. **Automotive Electronics:** Used in ECU modules for sensor signal conditioning. 4. **Power Supplies:** Serving as an over-current protection trigger. ---
    ✨ Follow-up Questions
    • ⤷ What are the exact dimensions of the W2VS-1BA-R package?
    • ⤷ Can this component be used in high-frequency RF applications?
    • ⤷ What is the recommended soldering profile for this specific part?