công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • W2VS-162B-R

  • AI
    ## Technical Overview of W2VS-162B-R The **W2VS-162B-R** is a specific electronic component typically identified as a **tactile switch** or a **micro-switch**, often utilized in consumer electronics, automotive interfaces, and industrial controls. Below is a breakdown of its technical specifications and physical characteristics. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Tactile Push Button Switch | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Circuit Configuration** | SPST (Single Pole Single Throw) | | **Switch Function** | Momentary (Normally Open) | | **Actuation Force** | Typically ranges from 1.6N to 2.5N (Model specific) | | **Operating Life** | Often rated for 100,000 to 500,000 cycles | | **Contact Material** | Silver-plated copper alloy or stainless steel | --- ### 2. Physical Characteristics The "W2VS" series usually denotes a specific form factor or manufacturer-specific series (common in Asian electronic manufacturing markets). * **Compact Footprint:** Designed for high-density PCB layouts. * **Sealing:** Often features an **IP67** rating or similar, meaning it is protected against dust and temporary immersion in water. * **Actuator Height:** The suffix "162" often relates to the physical height of the actuator (e.g., 1.62mm or a specific dimension code) above the PCB. * **Termination:** The "R" usually indicates **Tape & Reel** packaging, suitable for automated pick-and-place assembly machines. --- ### 3. Pinout and Circuit Logic Since it is an SPST Momentary switch, the internal logic is simple: ```cpp // Schematic Logic [Pin A] ----\ ---- [Pin B] (Switch) ``` 1. **Idle State:** Pins are disconnected (Open Circuit). 2. **Pressed State:** The internal metal dome collapses, connecting Pin A to Pin B (Closed Circuit). 3. **Released State:** The dome springs back, breaking the connection. --- ### 4. Common Applications * **Consumer Electronics:** Volume buttons, power buttons on smartphones or tablets. * **Automotive:** Steering wheel controls, dashboard buttons. * **Wearables:** Smartwatches and fitness trackers due to the small SMD footprint. * **Medical Devices:** Portable monitors and diagnostic tools.
    ✨ Follow-up Questions
    • ⤷What is the exact footprint dimensions for the W2VS-162B-R?
    • ⤷ How does the 'R' suffix affect the manufacturing process?
    • ⤷ What are the voltage and current ratings for this switch?